Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R85RL-R

  • AI
    The **M5R85RL-R** is a specific surface-mount electronic component, typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a reset IC, often found in power management circuits for consumer electronics. Below is a breakdown of its technical specifications and functional characteristics. --- ### 1. Technical Specifications The following table highlights the general parameters for this class of component: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Voltage Regulator / Reset IC | Active Semi-conductor | | **Input Voltage Range** | Operating supply | 1.5V to 10V (approx.) | | **Output Voltage** | Fixed voltage level | Determined by "85" suffix (e.g., 0.85V or 8.5V) | | **Package Type** | Surface Mount Device (SMD) | SOT-23 or SOT-89 | | **Pin Count** | Connection points | 3 to 5 Pins | | **Mounting Style** | Assembly method | SMD/SMT | ### 2. Pin Configuration & Internal Parts While specific pinouts vary by manufacturer (often related to Mitsumi or ROHM architectures), the internal "parts" of the IC include: 1. **Pass Transistor:** Usually a MOSFET or PNP transistor that handles the current flow from input to output. 2. **Voltage Reference:** A high-precision internal bandgap reference used to compare the output voltage. 3. **Error Amplifier:** Monitors the output and adjusts the gate of the pass transistor to maintain stability. 4. **Feedback Network:** Internal resistors that set the specific output voltage (indicated by the "85" in the part number). ### 3. Nomenclature Breakdown The part number can be decoded as follows: * **M5:** Often designates the manufacturer series or family. * **R85:** Represents the voltage threshold or output voltage (e.g., 0.85V or 8.5V depending on the datasheet scaling). * **RL:** Indicates the package orientation and taping (Reel Left/Right). * **-R:** Generally signifies compliance with RoHS (Lead-free) standards. ### 4. Common Applications * **Mobile Devices:** Powering low-voltage logic cores. * **Microcontrollers:** Providing a stable reference voltage for ADC or CPU operations. * **Battery Management:** Acting as a "Power Good" signal or reset trigger when battery voltage drops. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage of the M5R85RL-R?
    • ⤷ Which manufacturers produce the M5R85RL-R series?
    • ⤷ What are the common SMT package dimensions for this part?