Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R85ZP-R

  • AI
    The **M5R85ZP-R** is a specific technical component part number, most commonly associated with **LCD/LED display panels** used in consumer electronics (such as laptops or monitors) or industrial display modules. Below is a breakdown of its technical classification and common specifications. --- ## 1. Component Classification This part number typically refers to a **Display Module Assembly**. In the context of electronic manufacturing, it is often a proprietary or OEM (Original Equipment Manufacturer) code used by brands like HP, Dell, or Lenovo for their replacement screens. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Active Matrix TFT-LCD | | **Backlight Type** | WLED (White LED) | | **Interface** | eDP (Embedded DisplayPort) | | **Pin Configuration** | Usually 30-pin or 40-pin | | **Surface Treatment** | Matte (Anti-glare) or Glossy | --- ## 2. Key Electronic Characteristics The electronics within this module consist of several integrated sub-systems: ### A. The Timing Controller (T-CON) The "brain" of the display. It receives digital signals (LVDS or eDP) from the motherboard and converts them into the specific row and column signals required by the LCD pixels. ### B. LED Driver Circuit Because the part uses WLED backlighting, it contains a DC-to-DC converter circuit that steps up the input voltage (usually 19V in laptops) to the high voltage required to drive the LED string. ### C. Source and Gate Drivers These are the thin-film transistors (TFTs) etched onto the glass. They control the transparency of each sub-pixel (Red, Green, Blue) to create the final image. --- ## 3. Physical & Signal Interface | Part Section | Description | | :--- | :--- | | **Connector** | Fine-pitch connector for high-speed data transmission. | | **Data Protocol** | Uses differential signaling to minimize Electromagnetic Interference (EMI). | | **Mounting** | Often features a "Slim" design with integrated brackets or adhesive strips. | --- ## 4. Troubleshooting & Common Failures If you are repairing a device with this part, watch for these common electronic failure points: 1. **Blown Backlight Fuse:** Usually located on the small PCB at the bottom of the screen. 2. **Damaged COF (Chip on Film):** This occurs if liquid enters the bottom of the screen, causing vertical lines. 3. **EDID Corruption:** If the internal EEPROM chip fails, the laptop motherboard may not recognize the screen, resulting in "No Signal." ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution and pin count for the M5R85ZP-R?
    • ⤷ Which laptop models are compatible with this specific part number?
    • ⤷ How can I test the LED driver circuit on this display panel?