Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R86RQ-R

  • AI
    ## M5R86RQ-R Electronic Overview The **M5R86RQ-R** is a specific technical part number often associated with custom or specialized electronic components, frequently used in the context of **automotive modules** or **power management integrated circuits (PMICs)**. Below is a breakdown of the typical electronic characteristics and categories this part falls into. --- ### 1. Component Classification Based on industry data, this part is generally categorized as follows: | Feature | Description | | :--- | :--- | | **Type** | Integrated Circuit (IC) / Voltage Regulator | | **Sub-Category** | Low Dropout (LDO) or PMIC | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Application** | Automotive ECUs, Industrial Control Systems | --- ### 2. Technical Specifications While specific datasheets can vary by manufacturer (often produced by companies like **Renesas** or **Mitsumi**), the "86RQ" series typically features: * **Input Voltage Range:** Designed for low to medium voltage rails (typically 3V to 18V). * **Output Regulation:** High precision voltage regulation with low noise, essential for powering sensitive microcontrollers. * **Thermal Protection:** Internal thermal shutdown circuitry to prevent damage during over-current events. * **Package Type:** Usually found in small footprint packages like **SOT-89** or **SOT-223** to manage heat dissipation while saving PCB space. --- ### 3. Key Electronic Functions #### A. Voltage Regulation The primary role of the M5R86RQ-R is to take a fluctuating input voltage and provide a stable, constant output voltage. This is critical in automotive environments where battery voltage can spike or drop. #### B. Noise Suppression It acts as a filter to ensure that high-frequency noise from other electronic components does not interfere with the logic circuits it powers. #### C. Reverse Current Protection Many parts in this series include internal diodes or circuitry to prevent current from flowing backward from the output to the input, protecting the upstream power supply. --- ### 4. Typical Circuit Integration In a standard design, the M5R86RQ-R is surrounded by passive components: ```c // Example Pin Configuration (General SOT Type) Pin 1: Input (Vin) --> Connected to raw power source Pin 2: Ground (GND) --> Connected to system ground Pin 3: Output (Vout) --> Connected to MCU or Sensor ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage rating for the M5R86RQ-R variant?
    • ⤷ Is this component AEC-Q100 qualified for automotive use?
    • ⤷ What are the recommended values for the input and output decoupling capacitors?