Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R86TH-R

  • AI
    The **M5R86TH-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are primarily used in power management circuits to provide stable current and filter noise. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, here are the general electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 0.86 µH (approximate based on part number code) | | **Current Rating** | High Current (Saturation current usually > 15A) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Metal Alloy / Carbonyl Powder | | **Shielding** | Magnetically Shielded | --- ### 2. Physical Construction The "M5R86TH-R" design usually features a molded construction: * **Molded Body:** The coil is encapsulated in a metallic powder mixture. This provides excellent magnetic shielding to prevent Electromagnetic Interference (EMI) with nearby components. * **Low Profile:** These are designed for high-density PCB layouts, common in modern laptops and servers. * **Terminals:** Robust flat-lead terminals for high vibration resistance and low DC resistance (DCR). --- ### 3. Electronic Functions This part serves several critical roles within an electronic circuit: 1. **Energy Storage:** In DC-DC converters (like Buck or Boost converters), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Ripple Filtering:** It smoothes out the output current from switching power supplies to provide a steady voltage to sensitive chips (CPU/GPU). 3. **EMI Suppression:** The shielded nature ensures that the high-frequency switching noise stays contained within the component. --- ### 4. Common Applications You will most frequently find the M5R86TH-R in the following devices: * **Computing:** VRM (Voltage Regulator Modules) for high-performance processors. * **Graphics Cards:** Power delivery phases for GPUs. * **Servers:** High-efficiency power modules and point-of-load (POL) converters. * **Telecommunications:** Network switches and base station power boards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M5R86TH-R inductor?
    • ⤷ How does the 'R' suffix affect the component's packaging or tolerance?
    • ⤷ What are the recommended footprint dimensions for soldering this part to a PCB?