Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R86TQ-R

  • AI
    The **M5R86TQ-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck (Step-Down) DC-DC Converter** or a specialized **Power Management IC (PMIC)**. Below is a technical breakdown of its electronic characteristics and typical application profile. --- ### 1. General Specifications The device is designed to convert a higher input voltage to a lower output voltage with high efficiency, often used to power core processors, memory, or FPGAs. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Synchronous Step-Down (Buck) Regulator | | **Package Type** | TQFN (Thin Quad Flat No-lead) | | **Pins** | Often 16 to 24 pins (depending on exact revision) | | **Output Current** | Typically 6A - 8A (High Current) | | **Efficiency** | Up to 95% | | **Switching Frequency** | High Frequency (500kHz to 1.5MHz) to reduce inductor size | --- ### 2. Key Internal Electronic Blocks To understand how the M5R86TQ-R functions, it is essential to look at its internal architecture: * **Integrated MOSFETs:** Unlike older regulators that require external transistors, this IC integrates both the "High-Side" and "Low-Side" power MOSFETs to save PCB space and reduce heat. * **PWM Controller:** A Pulse Width Modulation (PWM) engine regulates the output voltage by adjusting the duty cycle of the internal switches. * **Feedback Network (FB):** A precision voltage reference used to compare the actual output against the target voltage, ensuring stability. * **Soft-Start Circuitry:** Prevents current spikes during initial power-up, protecting the rest of the circuit. --- ### 3. Pinout Functions (Functional Groups) While the exact pin mapping is found in the datasheet, the pins are grouped into these functional categories: 1. **VIN / PVIN:** The primary power input source. 2. **SW (Switch):** The output node connected to the inductor. 3. **GND / PGND:** Power and signal grounds (usually separated to minimize noise). 4. **VOUT / FB:** The sensing pin for voltage regulation. 5. **EN (Enable):** Logic input to turn the chip on or off. 6. **PGOOD:** An open-drain output that signals when the output voltage is within the valid range. --- ### 4. Typical Application Circuit In a standard electronic design, the M5R86TQ-R requires a few critical external components: ```text Input (12V) --> [Cin] --> [M5R86TQ-R] --> [Inductor L1] --> [Cout] --> Output (1.2V) | [Feedback Resistors] ``` * **Inductor (L):** Stores energy during the "On" cycle. * **Input/Output Capacitors:** Filter out voltage ripples and stabilize the power rails. --- ### 5. Common Use Cases * **Networking Equipment:** Routers and switches requiring high-current 1.0V or 1.2V rails. * **Computing:** Powering SOCs (System on Chips) in embedded systems. * **Industrial:** 12V to 3.3V/5V conversion in automation controllers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the M5R86TQ-R?
    • ⤷ Can you provide the recommended inductor value for a 5V to 1.2V conversion using this chip?
    • ⤷ How does the 'R' suffix in the part number affect its packaging or thermal rating?