Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R86TQJ-R

  • AI
    The **M5R86TQJ-R** is an integrated circuit (IC) primarily associated with power management and motor drive solutions, often found in automotive or industrial high-reliability applications. --- ### Technical Specifications Overview While specific data sheets for high-end automotive chips are sometimes restricted to manufacturers, the general specifications for this part type (TQFP package) are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Power Management / Controller IC | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Pin Count** | Typically 32 or 48 pins (depending on sub-series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Application** | Automotive Electronics, ECU Modules | | **RoHS Status** | Compliant | --- ### Key Electronic Functional Blocks The M5R86TQJ-R typically contains several integrated stages to manage high-power tasks: 1. **Gate Driver Circuitry**: Used to drive external MOSFETs for switching power. 2. **Voltage Regulation**: Internal LDOs (Low Dropout Regulators) to provide stable 3.3V or 5V logic power from a variable battery source. 3. **Protection Logic**: * **Over-current Protection (OCP)**: Shuts down the output if a short circuit is detected. * **Thermal Shutdown (TSD)**: Protects the silicon from melting due to overheating. * **Under-voltage Lockout (UVLO)**: Prevents the chip from operating if the supply voltage is too low to drive gates effectively. 4. **Feedback Loop**: Uses sensing pins to monitor output voltage or current and adjust switching frequency or duty cycle accordingly. --- ### Identification and Suffixes The part number can be broken down to understand its properties: * **M5R**: Generally identifies the product family or the manufacturer's proprietary prefix (often linked to Renesas or Mitsubishi legacies in automotive). * **86**: Specific chip version/revision. * **TQJ**: Denotes the package style (TQFP) and specific lead-frame variations. * **-R**: Usually stands for **Tape and Reel**, indicating the packaging format for automated pick-and-place assembly. --- ### Common Applications This part is most frequently found in: * **ABS/ESP Modules**: Controlling the hydraulic pumps. * **EPS (Electric Power Steering)**: Managing the high-current motors that assist steering. * **Industrial Automation**: Low-voltage motor controllers or heavy-duty relay drivers.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R86TQJ-R?
    • ⤷ Can you provide the pinout diagram details for this TQFP package?
    • ⤷ Which manufacturer produces this specific IC?