Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R86XH-R

  • AI
    The **M5R86XH-R** is a specific technical component part number, most commonly associated with **LCD/LED Driver ICs** or specific Power Management components used in display technology (such as notebook panels or monitors). Below is a technical breakdown of the characteristics and role of this type of electronic part. --- ### 1. General Specifications While specific datasheets for "XH-R" suffixes are often proprietary to manufacturers like **Novatek** or **Realtek**, the "M5R" series typically falls into the following category: | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Primary Function** | LCD Gamma Correction / Buffer or Power Management | | **Package Type** | QFN (Quad Flat No-lead) or TQFP | | **Application** | T-CON Boards, Laptop Screen Logic Boards | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Key Internal Modules An IC of this class generally contains the following electronic building blocks: * **Operational Amplifiers (Op-Amps):** Used as rail-to-rail buffers for driving the analog voltages required by the LCD panel. * **Voltage Reference:** Provides a stable baseline for digital-to-analog conversion. * **Gamma Channels:** Multiple programmable or fixed channels to control the grayscale accuracy of a display. * **VCOM Buffer:** A high-current output stage to drive the common electrode of the liquid crystal layer. --- ### 3. Circuit Integration In a typical electronic assembly (like a T-CON board), the M5R86XH-R interacts with other parts as follows: 1. **Input:** Receives power (usually 3.3V or 12V) and reference signals from the main PMIC (Power Management IC). 2. **Processing:** Stabilizes and scales the voltage levels to match the specific requirements of the glass panel. 3. **Output:** Sends calibrated "Gamma" voltages to the Source Driver ICs that sit on the edge of the screen. --- ### 4. Common Failure Symptoms If this specific part fails on a circuit board, the following behaviors are usually observed: * **White Screen:** Loss of gamma voltages often results in a "washed out" or completely white display. * **Color Distortion:** Incorrect grayscale rendering or flickering colors. * **Overheating:** If the internal Op-Amps short-circuit, the IC will become physically hot to the touch. --- ### 5. Identification Marking When looking at the physical chip, the marking usually follows this convention: ` ` `text M5R86 XH-R [Date Code/Lot Number] ` ` `
    ✨ Follow-up Questions
    • ⤷ What are the common pinout configurations for M5R series ICs?
    • ⤷ Which manufacturers produce the M5R86XH-R?
    • ⤷ How can I test if this IC is faulty using a multimeter?