Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R86XL-R

  • AI
    The **M5R86XL-R** is a specific electronic component, typically categorized as a high-performance **Radio Frequency (RF) SPDT (Single Pole Double Throw) Switch**. These parts are commonly used in telecommunications, satellite equipment, and microwave testing systems. --- ### 1. Key Technical Specifications The "XL" series often denotes extended frequency range or high-power handling capabilities. Below are the typical parameters associated with this class of RF switch: | Parameter | Typical Value / Description | | :--- | :--- | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Frequency Range** | DC to 18 GHz (or higher depending on variant) | | **Impedance** | 50 Ohms | | **Actuator Voltage** | Usually 12V or 28V DC | | **Life Cycle** | ~1 to 2 million cycles | | **Connector Type** | SMA Female (standard for RF) | --- ### 2. Physical and Electronic Construction The M5R86XL-R is an **Electromechanical Switch**. Unlike solid-state switches, it uses physical internal contacts to route signals, which offers distinct advantages: * **Low Insertion Loss:** Minimizes signal strength degradation as it passes through the switch. * **High Isolation:** Prevents signal "leakage" between the active and inactive ports, crucial for sensitive measurements. * **Power Handling:** Can manage higher RF power levels compared to semiconductor-based switches. --- ### 3. Pinout and Control Logic The component typically features a multi-pin connector (often a D-sub or solder pins) for the control circuit. ```yaml Control_Mechanism: Pin_1: +VDC (Supply Voltage) Pin_2: Ground Pin_3: Control Signal A (Logic Low/High) Pin_4: Indicator Circuit (Optional, for feedback) ``` --- ### 4. Common Applications * **Test and Measurement:** Routing signals between a single Signal Generator and multiple Devices Under Test (DUT). * **Signal Redundancy:** Automatically switching to a backup antenna or receiver if the primary fails. * **Automated Test Equipment (ATE):** Integrated into racks for high-speed automated RF testing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an electromechanical and a solid-state RF switch?
    • ⤷ How do I calculate the insertion loss for the M5R86XL-R in my circuit?
    • ⤷ What are the power consumption requirements for the 28V version?