Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ13SQJ-R

  • AI
    Based on the part number **M5RJ13SQJ-R**, this component is a high-performance **surface-mount (SMD) Power Inductor**, commonly used in automotive and industrial power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M5 series (specifically the M5RJ suffix) is typically manufactured by brands like **Chilisin** or **Pulse Electronics**. These inductors are designed for high-current environments where space is limited and thermal stability is critical. | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (Molded) | | **Core Material** | Metal Alloy / Carbonyl Powder | | **Automotive Grade** | Often AEC-Q200 Qualified | --- ## 2. Technical Specifications The alphanumeric code "13SQJ" and the suffix "-R" define the electrical properties of the part: ### A. Electrical Properties * **Inductance Value:** Typically ranges between **0.1µH to 1.5µH** (depending on the specific sub-series revision, though "13" often refers to a physical size or internal winding code). * **Current Rating:** High saturation current ($I_{sat}$) and temperature rise current ($I_{rms}$), often capable of handling **15A to 40A**. * **DCR (DC Resistance):** Ultra-low resistance to minimize power loss and heat generation. ### B. Physical Construction * **Molded Structure:** The inductor is encapsulated in a metal powder mixture. This prevents "buzzing" (acoustic noise) and provides superior magnetic shielding to prevent EMI (Electromagnetic Interference). * **Case Size:** The "13" usually denotes a footprint size of approximately **13.5mm x 12.5mm**. --- ## 3. Key Applications Because of its high current density and shielding, it is found in: 1. **DC-DC Converters:** Point-of-Load (POL) modules for CPUs and GPUs. 2. **Automotive Electronics:** Infotainment systems, ADAS, and LED lighting drivers. 3. **Industrial Power:** High-efficiency power supplies for servers and networking hardware. --- ## 4. Advantages & Disadvantages | Pros | Cons | | :--- | :--- | | Low EMI due to magnetic shielding | Larger footprint than standard chips | | High saturation current (doesn't drop under load) | Heavier weight due to metal core | | Stable performance up to 125°C or 150°C | Higher cost compared to unshielded inductors | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and tolerance for the M5RJ13SQJ-R?
    • ⤷ How does the 'molded' construction differ from a traditional wire-wound inductor?
    • ⤷ What are the specific AEC-Q200 testing standards this part meets?