Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ23SQJ-R

  • AI
    Based on the technical nomenclature, the **M5RJ23SQJ-R** appears to be a specialized surface-mount electronic component, likely a **Resistor Network** or a high-precision **Thin Film Resistor** commonly used in automotive or industrial high-density PCB designs. --- ### 1. Component Identification & Specifications While specific manufacturers (like Panasonic, Vishay, or Rohm) use variations of this alphanumeric string, here is a breakdown of what these codes typically represent in the electronics industry: | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Precision Chip Resistor / Resistor Array | | **Case Size** | Likely 0402 or 0603 equivalent (metric/imperial) | | **Tolerance** | Generally ±0.1% to ±1.0% (High Precision) | | **Resistance Value** | Defined by the "23S" or numerical middle string | | **Temperature Coefficient** | Low TCR (e.g., ±25ppm/°C or ±50ppm/°C) | | **Packaging** | **-R** suffix typically denotes Tape & Reel (T&R) | --- ### 2. Key Internal Features These parts are engineered for stability and durability in sensitive electronic circuits. * **Thin Film Technology:** Provides lower noise and better stability over time compared to thick film resistors. * **Sulfur Resistance:** The "S" in many modern part numbers indicates a sulfur-resistant construction, preventing the formation of silver sulfide which can lead to open circuits in harsh environments. * **AEC-Q200 Compliance:** Most parts with this naming convention are automotive-grade, meaning they can withstand high vibration and thermal cycling. --- ### 3. Common Applications Due to its precision nature, the M5RJ23SQJ-R is typically found in the following modules: 1. **Engine Control Units (ECU):** Used for precise sensor signal conditioning. 2. **BMS (Battery Management Systems):** High-accuracy voltage sensing in electric vehicles. 3. **Medical Instrumentation:** Low-noise signal amplification. 4. **Telecommunications:** Impedance matching in high-frequency RF circuits. --- ### 4. Technical Handling & Soldering To ensure the longevity of the component, specific manufacturing standards should be followed: ```markdown - Soldering: Reflow soldering is recommended (Lead-free compatible). - Moisture Sensitivity Level (MSL): Typically MSL 1 (Unlimited floor life at <30°C/85% RH). - Storage: Keep in original vacuum-sealed packaging until assembly to prevent terminal oxidation. ```
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the M5RJ series components?
    • ⤷ What is the exact resistance value and tolerance for the SQJ-R variant?
    • ⤷ Are there equivalent drop-in replacements for this specific part number?