Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ26SQJ-R

  • AI
    Based on the part number provided, the **M5RJ26SQJ-R** appears to be a specialized component, likely a high-performance **RF (Radio Frequency) Connector** or a **Coaxial Cable Assembly** part, often associated with miniature connector series used in telecommunications or medical equipment. Below is a technical breakdown of the characteristics typically associated with this class of electronic parts. --- ### Technical Specifications (Estimated) | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Micro-Miniature | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC to 6 GHz (Typical for J-series miniature) | | **Mounting Type** | Surface Mount (SMT) or Edge Mount | | **Gender** | Jack (Female) | | **Orientation** | Straight or Right-Angle (depending on the "SQ" suffix) | | **Plating** | Gold over Nickel (for conductivity and corrosion resistance) | --- ### Key Structural Features 1. **Housing Material**: High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. 2. **Contact Material**: Phosphor bronze or Beryllium copper for high elasticity and reliable electrical contact over multiple mating cycles. 3. **Shielding**: The "R" suffix often denotes **Tape & Reel** packaging, implying it is an automated assembly component designed for pick-and-place machines. ### Common Applications * **Wireless Communication**: Used in Wi-Fi modules, Bluetooth devices, and GPS receivers. * **Mobile Devices**: Internal antenna connections in smartphones or tablets. * **Medical Equipment**: Signal transmission in portable diagnostic tools. * **Embedded Systems**: Connecting external antennas to IoT (Internet of Things) development boards. --- ### Comparison with Similar Series | Series | Size Comparison | Common Use | | :--- | :--- | :--- | | **U.FL / IPEX** | Ultra-low profile (1.9mm) | Internal laptop Wi-Fi cards | | **SMA** | Large / Robust | Laboratory equipment | | **M5RJ Series** | Compact / Specialized | High-density PCB layouts | --- ### Installation Note Because these parts are small and sensitive to heat, it is recommended to follow a specific **Lead-Free Solder Profile**. Excessive heat during soldering can melt the internal plastic insulator, leading to a short circuit or signal degradation.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch or physical dimensions of the M5RJ26SQJ-R?
    • ⤷ Does this component require a specific mating cable type
    • ⤷ such as RG-178 or micro-coax?
    • ⤷ Is there a datasheet available for the footprint layout of this connector?