Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ28SPJ-R

  • AI
    The **M5RJ28SPJ-R** is a specific electronic component, typically categorized as a high-performance **Modular Jack (RJ45)** connector. These parts are fundamental in networking hardware, providing the physical interface for Ethernet connections. Below is a detailed breakdown of its specifications, construction, and technical features. --- ### 1. General Specifications The following table highlights the core technical characteristics of the M5RJ28SPJ-R series: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Orientation** | Side Entry (Right Angle) | | **Shielding** | Fully Shielded (Metal Housing) | | **Mounting Type** | Through-Hole (PCB Mount) | | **LED Configuration** | Integrated (Typically Green/Yellow) | | **Speed Rating** | Cat5e / Cat6 compatible (10/100/1000 Base-T) | --- ### 2. Key Internal Components To understand how the M5RJ28SPJ-R functions, we must look at its internal electronic and mechanical parts: #### A. Integrated Magnetics (MagJack) Most components in this series are "MagJacks," meaning they contain internal transformers and filters. * **Isolation Transformers:** Protect the circuit from high-voltage spikes and provide galvanic isolation. * **Common Mode Chokes:** Reduce Electromagnetic Interference (EMI) to ensure clean data transmission. #### B. Contact Pins * **Material:** Usually phosphor bronze. * **Plating:** Gold plating (often 30µ" or 50µ") is applied to the contact area to prevent corrosion and ensure low contact resistance over thousands of mating cycles. #### C. LED Indicators * Integrated into the front face of the connector. * Driven by the physical layer (PHY) chip on the PCB to indicate "Link" status and "Activity." --- ### 3. Mechanical & Environmental Features * **Tab Direction:** Usually "Tab-Up" or "Tab-Down" design to suit specific enclosure clearances. * **EMI Tabs:** Spring fingers on the metal shield that make contact with the product's chassis to provide a path to ground for interference. * **Operating Temperature:** Generally rated from **-40°C to +85°C**, making it suitable for industrial applications. --- ### 4. Typical Applications The M5RJ28SPJ-R is commonly found in: * **Networking Equipment:** Routers, switches, and hubs. * **Industrial PC:** Embedded systems and PLCs. * **IoT Gateways:** Devices requiring stable wired internet connectivity. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard RJ45 and a MagJack like the M5RJ28SPJ-R?
    • ⤷ How do I interpret the LED pinout for this connector on a PCB layout?
    • ⤷ What are the specific soldering temperature profiles for this through-hole component?