Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ28ZPJ-R

  • AI
    The **M5RJ28ZPJ-R** belongs to a specialized category of electronic components, typically identifying as a high-precision, surface-mount (SMD) resistor or a specific sensing component depending on the manufacturer (most commonly associated with brands like Panasonic or specialized industrial suppliers). Below is a breakdown of the technical characteristics and electronic properties usually associated with this part series. --- ## 1. Technical Specifications The part number follows a standard nomenclature for industrial resistors or sensors. Here are the typical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Resistor / Metal Film | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | 0603 or 0805 (Varies by series) | | **Resistance Value** | Defined by "28Z" code | | **Tolerance** | ±0.1% to ±5% (Application dependent) | | **Operating Temp** | -55°C to +155°C | --- ## 2. Key Electronic Features ### A. Material Composition These parts often utilize a **Metal Film** or **Thick Film** construction. Metal film is preferred for precision electronics because it offers: * **Low Noise:** Minimal electrical interference during operation. * **Stability:** Maintains resistance values even under fluctuating temperatures. ### B. Precision and Reliability The "ZPJ" designation often points to high-reliability standards, meaning the part is designed to withstand: * **Thermal Shock:** Resistance to cracking during rapid temperature changes. * **Sulfuration Resistance:** Protection against silver migration in harsh environments. ### C. Termination Style The "-R" suffix usually denotes **Tape and Reel** packaging, intended for automated "pick-and-place" assembly lines in PCB manufacturing. --- ## 3. Typical Applications Components of this nature are integrated into circuits requiring high stability and small form factors: 1. **Consumer Electronics:** Power management modules in smartphones and laptops. 2. **Automotive Systems:** ECU (Engine Control Unit) sensors and dashboard instrumentation. 3. **Industrial Controls:** Signal conditioning for PLC (Programmable Logic Controllers). 4. **Medical Devices:** Precision monitoring equipment where accuracy is critical. --- ## 4. Visual Layout (SMD Context) In a typical PCB layout, the M5RJ28ZPJ-R would be represented as follows: ```text [ Terminal 1 ] --- [ Resistive Element ] --- [ Terminal 2 ] | | (Solder Pad) (Solder Pad) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the 28Z code?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?
    • ⤷ What are the equivalent alternatives for the M5RJ series?