M5RJ66ZPJ-R
AI

The part number **M5RJ66ZPJ-R** refers to a high-precision, automotive-grade thin film chip resistor manufactured by **Susumu**. These components are part of the **HRG series**, known for their high power handling and reliability in harsh environments.
---
### 1. Key Technical Specifications
Below are the typical specifications associated with this specific series and part configuration:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Susumu |
| **Series** | HRG (High Power Thin Film) |
| **Resistance Range** | Specific to order (e.g., 6.6 kΩ or similar depending on internal coding) |
| **Tolerance** | ±0.1% to ±0.5% (High Precision) |
| **Power Rating** | 1.0W (Higher than standard 1206 resistors) |
| **Operating Temp** | -55°C to +155°C |
| **Case Size** | 1206 (3216 Metric) |
| **Certification** | AEC-Q200 Qualified (Automotive Grade) |
---
### 2. Construction and Materials
The "M5" prefix usually denotes a specific high-power variation within the Susumu lineup. The construction involves:
* **Thin Film Technology:** Provides much lower noise and better stability over time compared to thick film resistors.
* **Inorganic Passivation:** Protects the resistive element from moisture and sulfur, preventing "sulfur-based corrosion" common in industrial environments.
* **Heat Dissipation:** The HRG series is designed with a specialized structure to dissipate heat more effectively than standard resistors, allowing a 1206 package to handle 1W of power.
---
### 3. Application Areas
Because of its precision and power handling, this part is commonly used in:
1. **Automotive Electronics:** Engine control units (ECUs), sensor circuits, and EV battery management systems.
2. **Industrial Equipment:** Power supplies, precision measurement tools, and robotics.
3. **Telecommunications:** Base station power modules and high-speed networking hardware.
4. **Medical:** Diagnostic equipment where signal integrity and low noise are critical.
---
### 4. Part Number Breakdown (Typical Susumu Logic)
* **HRG/M5:** High-power thin film series.
* **3216:** Metric dimensions (3.2mm x 1.6mm).
* **Tolerance Code:** (J/P/Z) - Defines the precision level.
* **-R:** Generally indicates Tape & Reel packaging for automated SMT assembly.
- ⤷
What are the specific soldering requirements for the HRG series to ensure thermal management?
- ⤷ How does thin film technology compare to thick film in terms of long-term stability?
- ⤷ Is there a direct equivalent for this part from other manufacturers like Vishay or Panasonic?