Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ68ZQJ-R

  • AI
    ## Overview of M5RJ68ZQJ-R The **M5RJ68ZQJ-R** is a specific electronic component, typically categorized as a **Resistor Network (Array)**. These components are designed to house multiple individual resistors within a single package to save space on a Printed Circuit Board (PCB) and improve assembly efficiency. --- ### 1. Key Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Resistor Network / Array | | **Resistance Value** | 6.8 kΩ (indicated by "68Z") | | **Configuration** | Isolated or Bussed (Commonly 8 or 4 elements) | | **Tolerance** | Usually ±5% or ±1% (J-Type often refers to 5%) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps identify the specific properties of the part: * **M5R**: Prefix often associated with a specific series of thick-film resistor networks. * **J**: Tolerance code. In the electronic industry, "J" typically signifies **±5%**. * **68Z**: Resistance code. * *68* represents the significant digits. * *Z* (or digits) represents the multiplier. In this context, it identifies the value as **6.8k Ohms**. * **-R**: Packaging identifier, standing for **Tape & Reel**, used for automated pick-and-place assembly. --- ### 3. Application and Usage Resistor arrays like the M5RJ68ZQJ-R are commonly used in digital circuits for the following purposes: 1. **Pull-up/Pull-down Resistors**: Maintaining a stable logic level on microcontrollers or logic gates. 2. **Bus Termination**: Reducing signal reflection on high-speed data lines. 3. **LED Current Limiting**: Providing consistent resistance for multiple LED indicators in a compact space. 4. **Voltage Dividers**: When precise matching between resistors is required (as resistors in an array are manufactured on the same substrate). --- ### 4. Advantages of Using an Array * **Space Saving**: Replaces multiple discrete 0603 or 0805 resistors with one chip. * **Reduced Placement Cost**: Fewer components mean faster assembly and lower manufacturing costs. * **Thermal Tracking**: Because the resistors are on the same ceramic substrate, they react to temperature changes identically, maintaining circuit balance.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the M5R resistor series?
    • ⤷ What are the physical dimensions (footprint) of the M5RJ68ZQJ-R?
    • ⤷ Can this resistor network be used in high-power applications?