Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ75EQJ-R

  • AI
    The part number **M5RJ75EQJ-R** refers to a high-precision, surface-mount (SMD) metal film chip resistor. These components are critical in circuits requiring high stability, low noise, and tight tolerances. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters associated with this specific part series: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Metal Film Resistor | Provides better stability than thick film. | | **Package / Case** | 0603 (1608 Metric) | Standard surface mount footprint. | | **Resistance Value** | 75 Ohms | Identified by the "75E" or "75R" segment. | | **Tolerance** | ±0.1% to ±5% | Usually high precision (check suffix for exact %). | | **Power Rating** | 1/10W (0.1W) | Standard for 0603 package size. | | **Temp. Coefficient** | ±25 ppm/°C to ±100 ppm/°C | Low drift over temperature changes. | | **Packaging** | Tape & Reel (R) | The "-R" suffix indicates reel packaging for SMT machines. | --- ### 2. Composition and Construction The **M5RJ** series is constructed using a metal film technology which offers distinct advantages over standard "Thick Film" (CRCW series) resistors: * **Resistive Element:** A thin layer of metal alloy is deposited onto a high-grade ceramic body. * **Terminations:** Usually features a nickel barrier layer with a tin (Sn) finish for excellent solderability and resistance to "leaching." * **Protection:** Coated with a specialized epoxy or glass layer to protect the resistive element from moisture and mechanical stress. --- ### 3. Key Features & Applications #### Features * **Low Noise:** Metal film construction generates significantly less thermal noise, making it ideal for audio and precision analog circuits. * **High Stability:** Maintains its resistance value accurately over long periods and varying environmental conditions. * **Tight Tolerance:** Often used when the circuit requires exact resistance values to maintain signal integrity. #### Common Applications 1. **Precision Instrumentation:** Measurement devices where accuracy is paramount. 2. **Audio Equipment:** High-fidelity pre-amps and signal processing. 3. **Medical Electronics:** Monitoring equipment requiring high reliability. 4. **Telecommunications:** Base stations and high-speed data transmission modules. --- ### 4. Part Number Decoding (Typical) While manufacturers vary slightly, the code generally follows this logic: * **M5RJ**: Series identifier (Metal Film, Precision). * **75E/75R**: The resistance value (75 Ohms). * **Q/J**: Tolerance and Temperature Coefficient indicators. * **-R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the difference in performance between this metal film resistor and a standard thick film resistor?
    • ⤷ Can this resistor be used in high-frequency RF applications?
    • ⤷ What are the specific soldering temperature profiles recommended for the 0603 package?