Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ78EPJ-R

  • AI
    The part number **M5RJ78EPJ-R** refers to a specific series of high-precision, automotive-grade electronic components, typically associated with **Thin Film Chip Resistors** manufactured by companies like **Susumu** (specifically the RR or PR series derivatives). Below is a detailed breakdown of the electronic characteristics and technical specifications of this component. --- ### ## 1. Technical Specifications This component is designed for circuit applications requiring high stability and low noise. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Precision Chip Resistor | | **Resistance Value** | Determined by "78E" (Specific code-based value) | | **Tolerance** | Usually $\pm0.1\%$ or $\pm0.5\%$ (Precision Grade) | | **Power Rating** | 0.063W to 0.1W (Case size dependent) | | **Temperature Coefficient (TCR)** | $\pm25$ ppm/°C or $\pm50$ ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Packaging** | Taped & Reeled (indicated by the "-R") | --- ### ## 2. Deciphering the Part Number While naming conventions vary slightly by manufacturer, the code generally follows this structure: * **M5**: Often denotes the series or physical body size (similar to 0603 or 0402 metric/imperial equivalents). * **RJ**: Indicates the material type, usually "Resistor, Metal Film/Thin Film" or "Resistor, High Reliability." * **78E**: This is the **Resistance Code**. In the E-96 series, "78" coupled with a multiplier "E" indicates the Ohmic value. * **P/J**: Represents the Tolerance and TCR (Temperature Coefficient). "J" usually indicates standard $\pm5\%$ in general parts, but in precision parts like this, it identifies specific reliability certifications. * **-R**: Means **RoHS Compliant** and provided on a **Reel**. --- ### ## 3. Key Electronic Characteristics The M5RJ78EPJ-R stands out for three primary electronic reasons: 1. **Thin Film Technology**: Unlike thick film resistors, thin film provides much lower noise and better linearity. This is critical for analog-to-digital converters (ADCs) and audio processing. 2. **Long-Term Stability**: These parts are designed to have extremely low "drift." This means the resistance value stays the same even after thousands of hours of operation. 3. **Sulfur Resistance**: Parts in this category often feature an anti-sulfuration layer, making them suitable for automotive (AEC-Q200) or industrial environments where pollutants are present. --- ### ## 4. Common Applications * **Automotive Electronics**: Control units (ECUs), sensor interfaces, and battery management systems. * **Medical Equipment**: Monitoring devices that require high precision and low interference. * **Test & Measurement**: Multimeters and oscilloscopes where the accuracy of the resistor affects the measurement. * **Telecommunications**: Base stations and high-speed networking hardware.
    ✨ Follow-up Questions
    • ⤷What is the exact Ohmic value of the 78E code in this series?
    • ⤷ How does thin film technology differ from thick film in terms of performance?
    • ⤷ What are the dimensions for the M5 case size?