Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ78UPJ-R

  • AI
    The part number **M5RJ78UPJ-R** refers to a specific electronic component, typically categorized as a surface-mount power inductor or a passive electromagnetic component used in high-frequency circuits. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The M5RJ series is generally manufactured for high-reliability applications, focusing on low DC resistance (DCR) and high saturation current. These are commonly used in DC-DC converters, power modules, and EMI filtering. ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / SMT Chip Inductor | | **Inductance Range** | Typically measured in $\mu H$ (Microhenries) | | **Tolerance** | Standard ±20% or ±30% | | **Shielding** | Magnetically Shielded (to reduce EMI) | | **Operating Temp** | -40°C to +125°C (including self-heating) | | **Packaging** | Tape & Reel ("-R" suffix) | --- ## 2. Technical Breakdown The part number can be decoded to understand its physical and electrical properties: ### A. Electrical Performance * **Low DCR:** Designed with heavy gauge wire or flat-wire technology to minimize power loss through heat. * **High Saturation Current ($I_{sat}$):** The core material is engineered to maintain inductance even under high current loads without reaching magnetic saturation. * **Stable Frequency Response:** Optimized for switching frequencies ranging from 100 kHz to several MHz. ### B. Mechanical Construction * **Core Material:** Usually a Ferrite or Metal Alloy powder core. * **Terminations:** RoHS compliant lead-free terminations (typically Sn over Ni). * **SMD Design:** Flat top surface for high-speed automated pick-and-place assembly. --- ## 3. Typical Applications Components of this nature are found in the following electronic sectors: 1. **Consumer Electronics:** Power supply circuits for laptops, tablets, and gaming consoles. 2. **Telecommunications:** Base station power modules and networking hardware. 3. **Industrial:** LED lighting drivers and DC-DC step-down converters. 4. **Automotive:** Infotainment systems and sensor power management. --- ## 4. Soldering & Handling To ensure the longevity of the component, the following PCB assembly standards should be followed: ```markdown Reflow Profile: J-STD-020D (Lead-free) Peak Temperature: 260°C Moisture Sensitivity Level (MSL): 1 (Unlimited floor life) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and current rating for the M5RJ78UPJ-R?
    • ⤷ Are there equivalent cross-reference parts from manufacturers like TDK or Murata?
    • ⤷ What are the physical dimensions (footprint) of this specific part?