Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ78ZPJ-R

  • AI
    The part number **M5RJ78ZPJ-R** refers to a specific series of high-precision, automotive-grade thick film chip resistors manufactured by **Susumu**. These components are designed for high reliability in demanding environments. --- ### 1. Technical Specifications Table The following table breaks down the core electrical and physical characteristics typical for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | | **Resistance Tolerance** | ±0.1% to ±1% (Series dependent) | | **Power Rating** | 0.1W to 1W (Size dependent) | | **Operating Temperature** | -55°C to +155°C | | **AEC-Q200 Compliant** | Yes (Automotive Grade) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape and Reel (-R suffix) | --- ### 2. Part Number Breakdown While manufacturer codes can vary slightly, the nomenclature for the **M5** series usually follows this logic: 1. **M5**: Indicates the series name (High reliability/Precision thick film). 2. **RJ**: Often signifies the temperature coefficient (TCR) or a specific structural variant. 3. **78ZPJ**: This alphanumeric string encodes the resistance value (using the EIA-96 system or standard digit notation) and the case size (e.g., 0402, 0603, or 0805). 4. **-R**: Indicates the packaging method, specifically **Tape & Reel**. --- ### 3. Key Features * **Sulfur Resistance:** These parts are often constructed with gold-based or special silver-palladium internal electrodes to prevent "sulfuration," which causes resistors to fail in polluted environments. * **High Precision:** Unlike standard ±5% resistors, these are used where signal integrity and accurate voltage division are critical. * **AEC-Q200 Qualified:** This means the part has undergone rigorous stress testing for vibration, thermal shock, and moisture resistance, making it suitable for automotive under-the-hood applications. --- ### 4. Typical Applications * **Automotive Electronics:** ECU (Engine Control Units), ADAS sensors, and BMS (Battery Management Systems). * **Industrial Equipment:** Control systems that operate in harsh or corrosive atmospheres. * **Medical Devices:** Equipment requiring stable long-term resistance values. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value and tolerance for the 78ZPJ code?
    • ⤷ How does a sulfur-resistant resistor differ from a standard thick film resistor?
    • ⤷ What are the dimensions for the M5 series case sizes?