Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ84EPJ-R

  • AI
    Based on the part number provided, **M5RJ84EPJ-R** typically refers to a specialized **RJ45 Modular Jack with Integrated Magnetics** (often called a "MagJack"). These components are essential in networking hardware to bridge the physical connector and the Ethernet PHY chip. --- ## 1. Component Overview The M5RJ84EPJ-R is a single-port, Tab-Up, RJ45 connector designed for High-Speed Ethernet applications. The "Integrated Magnetics" means it contains internal transformers and chokes to handle signal conditioning and isolation. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle / Side Entry | | **Tab Direction** | Tab-Up | | **Shielding** | Shielded with EMI fingers | | **LEDs** | Integrated (Typically Green/Yellow) | | **Mounting Type** | Through-Hole (THT) | --- ## 2. Internal Electronic Sub-assemblies This part is not just a plastic housing; it contains a miniature PCB inside with the following electronic components: ### A. Isolation Transformers * **Purpose:** Provides 1500Vrms isolation between the external network cable and the internal sensitive electronics (PHY). * **Function:** Protects the device from static electricity (ESD) and voltage surges on the Ethernet line. ### B. Common Mode Chokes * **Purpose:** Noise suppression. * **Function:** Filters out electromagnetic interference (EMI) to ensure the device complies with FCC/CE emissions standards. ### C. Termination Resistors & High-Voltage Capacitor * **Bob Smith Termination:** Usually includes a 75-ohm resistor network and a 1000pF/2kV capacitor to reduce common-mode noise and terminate unused wire pairs. --- ## 3. Physical & Mechanical Features * **EMI Shielding:** The outer metal "can" (shield) is connected to the chassis ground to prevent radio frequency interference. * **LED Indicators:** The "EPJ" suffix often denotes specific LED configurations (e.g., Left Green, Right Yellow) used to indicate Link status and Data Activity. * **Gold Plating:** The contact pins are typically plated with 30µ" to 50µ" of gold to prevent corrosion and ensure low contact resistance over time. --- ## 4. Typical Application Circuit When integrating the M5RJ84EPJ-R, the electronics connect as follows: 1. **Cable Side:** Connects to the standard Cat5e/Cat6 twisted pair cable. 2. **PHY Side:** Connects to the Ethernet Controller (e.g., Realtek, Intel, or Microchip PHY). 3. **Center Taps:** Usually connected to a voltage source (e.g., 3.3V) or ground through capacitors, depending on whether the PHY is Voltage-Mode or Current-Mode. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M5RJ84EPJ-R LEDs?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the recommended soldering temperature profiles for this component?