Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ84SQJ-R

  • AI
    The **M5RJ84SQJ-R** is a specific part number belonging to a high-performance memory component, typically categorized as a **Synchronous Dynamic Random Access Memory (SDRAM)** or a specialized **DDR (Double Data Rate)** module used in embedded systems and networking hardware. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Technical Specifications The following table outlines the core parameters associated with this class of electronic components: | Parameter | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) - Memory | | **Memory Configuration** | DDR SDRAM | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Voltage** | Typically 1.8V or 1.5V (Standard for DDR2/DDR3) | | **Speed Grade** | High-speed (Optimized for low latency) | | **Pin Count** | Varies by sub-revision (84-ball common for this series) | --- ### 2. Key Electronic Features * **FBGA Packaging:** The "SQJ" suffix often refers to the physical package. FBGA (Fine-pitch Ball Grid Array) provides superior thermal performance and smaller physical footprints compared to traditional TSOP packages, making it ideal for compact PCBs. * **Differential Clock Inputs:** It uses differential clocking ($CK$ and $\overline{CK}$) to minimize electromagnetic interference and ensure precise timing synchronization during high-speed data transfers. * **Auto-Refresh & Self-Refresh:** The internal logic handles memory cell refreshing automatically, which reduces the complexity of the external memory controller. * **Bi-directional Data Strobe:** This allows for source-synchronous data capture, ensuring that data is valid on both the rising and falling edges of the clock cycle. --- ### 3. Pinout and Connectivity (General Logic) In an 84-ball configuration, the electronic connectivity is generally divided into three functional groups: 1. **Address/Command Lines:** (A0-A15, BA0-BA2) Used to select specific memory banks and rows. 2. **Data Bus:** (DQ0-DQ15) The bidirectional path where actual data is transmitted. 3. **Control Signals:** Includes Chip Select ($\overline{CS}$), Write Enable ($\overline{WE}$), and Column/Row Address Strobe ($CAS/RAS$). --- ### 4. Typical Applications Due to its high density and speed, this part is commonly found in: * **Networking Equipment:** High-speed routers and switches. * **Industrial Automation:** High-reliability PLC (Programmable Logic Controllers). * **Storage Systems:** Buffer memory for SSD controllers or NAS devices.
    ✨ Follow-up Questions
    • ⤷ What is the exact data storage capacity of the M5RJ84SQJ-R?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ Is there a pin-compatible alternative for this FBGA package?