Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ86EPJ-R

  • AI
    The **M5RJ86EPJ-R** is a specific part number typically associated with high-frequency, surface-mount **RF connectors** (often proprietary or specialized designs for the telecommunications and high-speed data industry). Below is a detailed breakdown of the electronic components and specifications associated with this type of part. --- ## 1. Component Overview The M5RJ86EPJ-R is primarily used in **PCB (Printed Circuit Board) layouts** for high-integrity signal transmission. It is designed to minimize signal loss (Insertion Loss) and reflection (Return Loss) at microwave frequencies. ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Micro-miniature Connector | | **Mounting Type** | Surface Mount (SMD) / Edge Mount | | **Impedance** | Typically 50 Ohms (Standard for RF) | | **Frequency Range** | DC up to 6 GHz (or higher depending on application) | | **Termination** | Solder Pad / Reflow Soldering | --- ## 2. Structural Composition The part is engineered with specific materials to ensure electrical stability: 1. **Center Pin/Contact:** Usually made of **Phosphor Bronze or Beryllium Copper** with **Gold Plating** to ensure high conductivity and prevent oxidation. 2. **Insulator/Dielectric:** High-performance plastics like **LCP (Liquid Crystal Polymer)** or **PTFE**, which have a low dielectric constant to maintain impedance. 3. **Outer Shell/Shield:** Typically a tin-plated or gold-plated copper alloy that provides mechanical strength and EMI (Electromagnetic Interference) shielding. 4. **Packaging (-R):** The suffix "-R" usually indicates **Tape and Reel** packaging, intended for automated Pick-and-Place assembly lines. --- ## 3. Applications and Usage These parts are commonly found in precision electronics where space is a premium: * **Telecommunications:** Base stations, 5G small cells, and networking hardware. * **Testing Equipment:** Interface points for RF testing probes. * **IoT Devices:** Connecting internal antennas to the main PCB. * **Consumer Electronics:** High-end laptops or tablets for Wi-Fi/Bluetooth module connectivity. --- ## 4. Footprint and Soldering When integrating the M5RJ86EPJ-R into a design, engineers must follow specific CAD footprints: ```c // Design Considerations for RF Connectors #define IMPEDANCE_MATCH 50.0 // Ohms #define SOLDER_TEMP_MAX 260 // Celsius (Reflow Profile) /* Note: Ensure the ground plane (GND) is cleared directly beneath the signal pin to avoid parasitic capacitance. */ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet manufacturer for the M5RJ86EPJ-R?
    • ⤷ What are the recommended reflow soldering profiles for this connector?
    • ⤷ How does the 'R' suffix impact the automated assembly process?