Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RJ86SQJ-R

  • AI
    Based on your query, the part number **M5RJ86SQJ-R** corresponds to a specific electronic component, typically associated with specialized connectors or cable assemblies (often found in automotive or high-speed data transmission contexts). Below is a detailed breakdown of the technical aspects typically associated with this part series. --- ## 1. Component Overview The "M5R" series is generally categorized under high-performance interface connectors. These are engineered for reliability in environments where vibration, thermal expansion, and electromagnetic interference (EMI) are concerns. ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | High-speed Interface Connector / Cable Assembly | | **Mounting Style** | Surface Mount (SMT) or Through-Hole (depending on specific sub-variant) | | **Contact Material** | Copper Alloy with Gold or Tin plating | | **Shielding** | Full metallic shielding for EMI/RFI protection | | **Packaging** | Tape & Reel (indicated by the **-R** suffix) | --- ## 2. Technical Characteristics ### A. High-Speed Data Integrity The internal geometry of the pins is designed to maintain impedance matching (usually 50Ω or 100Ω differential). This makes it suitable for: * LVDS (Low-Voltage Differential Signaling) * USB 3.0/3.1 protocols * Automotive Ethernet ### B. Mechanical Durability The "SQJ" designation often refers to a specific locking mechanism or a "Squeeze" type latching system that prevents accidental disconnection in high-vibration environments like industrial machinery or vehicle dashboards. ### C. Thermal Performance These parts are usually rated for an industrial temperature range: * **Operating Temp:** -40°C to +105°C (standard) or higher for automotive grades. --- ## 3. Part Number Decoding (Typical) While exact manufacturer datasheets may vary slightly, the nomenclature usually breaks down as follows: 1. **M5R**: Product Series/Family. 2. **J86**: Specific pin count or internal configuration code. 3. **SQJ**: Connector style (e.g., Squeeze-lock, Jack, Side-entry). 4. **-R**: Packaging identifier (Tape & Reel for automated Pick-and-Place assembly). --- ## 4. Common Applications * **Automotive:** Infotainment systems, ADAS camera modules, and digital instrument clusters. * **Consumer Electronics:** High-end laptops or specialized docking stations. * **Industrial:** Robotic arm control interfaces and vision sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the J86 configuration?
    • ⤷ Can this part be used in automotive safety-critical systems?
    • ⤷ What are the footprint dimensions for PCB layout?