Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5RS-45-R

  • AI
    The **M5RS-45-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke** or an **Inductive Filter**, often manufactured by companies like Coilmaster or similar magnetic component specialists. These parts are primarily used for noise suppression in high-speed data lines. --- ### 1. Key Technical Specifications The "45" in the part number often refers to the impedance or a physical dimension, while "R" typically signifies RoHS compliance or tape-and-reel packaging. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Common Mode Choke / Filter | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Impedance** | 45 Ohms (at 100MHz typical) | | **Current Rating** | High (usually 500mA to 2A depending on series) | | **Application** | USB 2.0, IEEE1394, LVDS, HDMI | | **Package Size** | 0805 or 1206 (EIA) equivalent | --- ### 2. Internal Electronic Structure The part consists of two coils wound around a single ferrite core. * **Differential Mode:** Signals passing in opposite directions are unaffected, allowing data to flow freely. * **Common Mode:** Noise signals traveling in the same direction are met with high impedance and are cancelled out. ### 3. Applications and Usage The M5RS-45-R is designed to protect sensitive circuits from Electromagnetic Interference (EMI) without degrading the signal integrity of high-speed data. * **Computing:** USB ports, VGA interfaces, and laptop motherboards. * **Consumer Electronics:** Digital cameras, scanners, and LCD panels. * **Networking:** Ethernet interfaces and hub circuitry. ### 4. Typical Circuit Representation In a schematic, this part is represented as two coupled inductors: ```mermaid graph LR In1 --- Coil1 --- Out1 In2 --- Coil2 --- Out2 Coil1 -.- Coil2 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M5RS-45-R?
    • ⤷ Can this part be used for power line filtering or is it strictly for data?
    • ⤷ What are the footprint dimensions for the M5RS-45-R?