Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-03-R

  • AI
    The **M5TS-03-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical "click" feedback to the user. --- ## Technical Specifications Below is a breakdown of the typical technical parameters for the M5TS series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Direction** | Vertical (Top Actuated) | | **Circuit Type** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Contact Rating** | Usually 50mA @ 12V DC | | **Operating Force** | 160gf to 250gf (Standard tactile feel) | | **Dimensions** | Typically 5.2mm x 5.2mm or 4.5mm x 4.5mm (Series dependent) | --- ## Key Features ### 1. Tactile Feedback The "Tactile" designation means the switch provides a crisp, audible, and physical sensation when pressed. This confirms to the user that the connection has been made without needing to look at the device. ### 2. Low Profile Design The "M5" designation often refers to the ultra-thin or miniature profile of the switch, making it ideal for handheld devices like remote controls, medical instruments, or smart home panels where space is limited. ### 3. SMD Packaging (The "-R") The **-R** suffix usually denotes **Tape & Reel** packaging. This is crucial for automated manufacturing using Pick-and-Place machines, allowing for high-speed assembly on Printed Circuit Boards (PCBs). --- ## Pinout and Internal Logic The switch is a simple momentary contact device. When the button is unpressed, the circuit is open. When pressed, the internal metal dome collapses and bridges the contacts. ```cpp // Logic Representation Switch State: OFF (Open) -> Output: LOW Switch State: ON (Pressed) -> Output: HIGH (if pulled up) ``` --- ## Common Applications * **Consumer Electronics:** Power buttons on cameras, volume buttons on tablets. * **Automotive:** Steering wheel controls or dashboard interfaces. * **Industrial:** Reset buttons on PLC modules or sensors. * **Peripherals:** Computer mice, keyboards, and printers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum soldering temperature for the M5TS-03-R?
    • ⤷ Does this switch come in different actuation force variants?
    • ⤷ What is the mechanical life expectancy (number of cycles) for this part?