Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-03-R/

  • AI
    The **M5TS-03-R** is a specific model of a **Thermal Sensor** (often categorized under Temperature Switches or Protectors), typically manufactured by companies like **Uchiya**. It is designed to provide reliable circuit protection and temperature monitoring in industrial and consumer electronics. --- ### 1. General Specifications The M5TS series is known for its compact size and high sensitivity to temperature changes. | Feature | Description | | :--- | :--- | | **Component Type** | Thermal Switch / Thermostat | | **Reset Type** | Self-resetting (Automatic) | | **Contact Type** | Normally Closed (NC) or Normally Open (NO) | | **Current Rating** | Typically 1A - 3A (depending on voltage) | | **Voltage Rating** | Up to 125V AC / 250V AC | | **Terminal Style** | Radial Lead (indicated by "R") | --- ### 2. Key Electronic Characteristics * **Bimetal Technology:** The core of the device is a calibrated bimetallic disc. When the predefined temperature is reached, the disc snaps to open or close the electrical contacts. * **Trip Temperature:** The "03" in the model number often refers to the specific temperature calibration or a series code (e.g., 30°C or a specific temperature range defined by the datasheet). * **Lead Configuration (R):** The "R" suffix generally denotes **Radial Leads**, meaning the wires exit from the side or bottom in a parallel fashion, making it suitable for PCB mounting or tight enclosures. --- ### 3. Application Use Cases This component is used where overheating could damage sensitive electronics or pose a fire hazard. * **Battery Packs:** Monitors cell temperature during charging/discharging. * **Small Motors:** Protects against stall-current overheating. * **Power Supplies:** Shuts down the circuit if the heatsink exceeds safe limits. * **Consumer Appliances:** Used in coffee makers, hair dryers, or heaters as a safety cutoff. --- ### 4. Comparison Table: M5TS vs. Standard Thermistors | Feature | M5TS Thermal Switch | NTC/PTC Thermistor | | :--- | :--- | :--- | | **Function** | On/Off Switch | Variable Resistance | | **Circuit Role** | Safety Cutoff / Control | Temperature Measurement | | **Reset** | Automatic (Bimetal) | Continuous Signal | | **Complexity** | Simple (No MCU needed) | Requires controller/ADC | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific trip temperature for the '03' variant of the M5TS series?
    • ⤷ How does the radial lead design affect the soldering process on a PCB?
    • ⤷ Are there waterproof versions of the M5TS thermal sensor?