Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-31W-R

  • AI
    The **M5TS-31W-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These switches are designed for low-power signal switching and are commonly found in consumer electronics, industrial controls, and medical devices. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Internal Components & Construction The M5TS-31W-R is composed of several key layers and materials that facilitate its mechanical and electrical function: | Part | Material | Function | | :--- | :--- | :--- | | **Actuator (Stem)** | High-temp Thermoplastic | The physical button pressed by the user. | | **Contact Dome** | Stainless Steel (Silver plated) | Provides the "click" feel and bridges the electrical circuit. | | **Base/Housing** | LCP or Nylon | Provides structural integrity and heat resistance during soldering. | | **Terminals** | Brass/Copper (Silver/Gold plated) | The electrical interface that connects to the PCB. | | **Cover** | Nickel Silver or Stainless Steel | Retains the internal components and protects against dust. | --- ### 2. Electrical Specifications These parameters define the safe operating limits for the switch within a circuit: * **Switching Capacity:** Usually rated at **50mA, 12V DC**. It is designed for logic signals, not for high-power switching. * **Contact Resistance:** Typically **<100mΩ**. Low resistance ensures minimal signal loss when the switch is closed. * **Insulation Resistance:** **>100MΩ at 100V DC**. This prevents current leakage between terminals when the switch is open. * **Dielectric Strength:** Can withstand **250V AC** for 1 minute without breakdown. --- ### 3. Mechanical & Physical Properties The physical design of the M5TS-31W-R is optimized for automated assembly and durability: * **Mounting Type:** **SMT (Surface Mount Technology)**. It has "Gull-wing" or "J-lead" style pins for soldering directly onto the surface of a PCB. * **Operating Force:** Generally around **1.6N (160gf)** or **2.5N (250gf)**, providing a distinct tactile feedback. * **Life Expectancy:** Rated for approximately **100,000 to 500,000 cycles** depending on the specific sub-variant. * **Travel Distance:** Short-stroke, typically between **0.25mm and 0.35mm**. --- ### 4. Typical Application Circuit In most electronic designs, this switch is used in a "Pull-up" or "Pull-down" configuration to interface with a Microcontroller (MCU). ```c // Example: Basic Pull-up Configuration // [VCC 3.3V] --- [Resistor 10k] --- [Input Pin] --- [M5TS-31W-R] --- [GND] ``` When the switch is **Open**, the Input Pin reads **HIGH**. When the switch is **Pressed**, the Input Pin is pulled to **GND (LOW)**. ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint size (mm) for the M5TS-31W-R?
    • ⤷ Is the M5TS-31W-R rated for IP67 waterproof protection?
    • ⤷ What are the recommended reflow soldering temperature profiles for this switch?