Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-40-R

  • AI
    The **M5TS-40-R** is a high-performance thermal imaging camera module designed for industrial monitoring and temperature measurement. It is part of the M5 series typically manufactured by companies like **Hikmicro**. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Sensor Technology The heart of the M5TS-40-R is its Vanadium Oxide (VOx) Uncooled Focal Plane Array (FPA). | Feature | Specification | | :--- | :--- | | **Sensor Type** | VOx Uncooled Focal Plane Arrays | | **Resolution** | 480 × 360 pixels (High Definition) | | **Pixel Pitch** | 12 μm | | **Spectral Range** | 8 μm to 14 μm (Long-wave Infrared) | | **NETD** | < 35 mK (@25°C, F#=1.0) | --- ### 2. Optical & Thermal Specs The "40" in the model name usually refers to the focal length of the lens, which dictates the Field of View (FOV). * **Focal Length:** 40mm. * **Aperture:** F1.0 (optimized for high thermal sensitivity). * **Temperature Measurement Range:** Typically -20°C to 550°C (Supports industrial high-temperature monitoring). * **Accuracy:** ±2°C or ±2% of the reading. --- ### 3. Electronic Interfaces & Connectivity The module is designed for integration into larger systems (e.g., security housings or robotic arms). * **Communication Protocols:** Supports SDKs for integration, ONVIF, and standard network protocols (TCP/IP, RTSP). * **Video Output:** Often features digital output via Ethernet (RJ45) and sometimes CVBS for analog testing. * **Power Input:** Usually supports **PoE (802.3af)** or 12V DC. * **Storage:** Most units include a MicroSD card slot (up to 256GB) for edge storage. --- ### 4. Key Functional Features The internal circuitry processes the raw thermal data into actionable information: 1. **Radiometric Data:** Unlike standard thermal cameras, the "R" (Radiometric) version provides temperature data for every single pixel in the frame. 2. **Image Processing:** Includes Adaptive AGC (Automatic Gain Control), 3D DNR (Digital Noise Reduction), and DDE (Digital Detail Enhancement). 3. **Alarm Logic:** I/O interfaces allow the electronic board to trigger physical alarms or relays when a specific temperature threshold is crossed. --- ### 5. Summary Table | Category | Component Detail | | :--- | :--- | | **Imaging Engine** | High-resolution 480x360 VOx Sensor | | **Lens System** | 40mm Germanium lens | | **On-board AI** | Fire detection, temperature exception alarms | | **Protection** | Usually IP67 rated (when housed) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M5TS-40-R and the non-radiometric versions?
    • ⤷ How do I integrate the M5TS-40-R with a custom software application?
    • ⤷ What is the maximum detection distance for a human target with a 40mm lens?