Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-53-R

  • AI
    The **M5TS-53-R** is a specific electronic component, primarily recognized as a **high-precision, touch-sensitive tactile switch** often utilized in industrial controls and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Push Button Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | Typically 1.6N to 2.5N (Standard touch) | | **Contact Rating** | 50mA at 12V DC | | **Operating Life** | ~100,000 to 500,000 cycles | | **Travel Distance** | 0.25mm to 0.3mm | --- ### 2. Physical and Electrical Characteristics #### Internal Construction The "R" suffix typically denotes **Reel packaging** for automated assembly. Internally, the switch consists of: * **Metal Dome:** Acts as the moving contact and provides the "click" tactile feedback. * **Base/Housing:** Heat-resistant plastic (LCP) to withstand reflow soldering temperatures. * **Terminals:** Silver or gold-plated copper alloy for high conductivity and oxidation resistance. #### Electrical Behavior * **Contact Resistance:** Usually less than 100mΩ. * **Insulation Resistance:** Minimum of 100MΩ at 100V DC. * **Dielectric Strength:** Capable of withstanding 250V AC for one minute without breakdown. --- ### 3. Common Applications Due to its compact SMT footprint and reliability, the M5TS-53-R is commonly found in: 1. **Consumer Electronics:** Power buttons on cameras, smartphones, and wearables. 2. **Home Appliances:** Control panels for microwaves, washing machines, and blenders. 3. **Medical Devices:** Interface buttons for handheld diagnostic tools. 4. **Automotive:** Steering wheel controls and dashboard infotainment buttons. --- ### 4. Layout and Soldering Considerations When designing a PCB for this part, engineers must account for the following: ```c // Example Design Rules for M5TS-53-R Footprint - Pad Size: 1.2mm x 1.5mm - Solder Paste Thickness: 0.12mm (recommended) - Reflow Peak Temp: 260°C (Max 10 seconds) ```
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives to the M5TS-53-R?
    • ⤷ Can this switch be used in IP67-rated waterproof enclosures?
    • ⤷ How does the 'R' suffix affect the automated pick-and-place process?