Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-55-R

  • AI
    The **M5TS-55-R** is a specific electronic component belonging to the family of **Surface Mount (SMD) Tactile Switches**. These parts are widely used in consumer electronics, industrial controls, and interface panels where a momentary "click" action is required. --- ## 1. Technical Specifications The "M5TS" series is characterized by its compact footprint and high reliability. Below are the typical technical parameters for this part: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Actuator Height** | 0.5mm (approx, varies by sub-model) | | **Operating Force** | 160gf to 250gf (grams-force) | | **Electrical Rating** | 50mA @ 12V DC | | **Contact Resistance** | < 100 mΩ | | **Operating Life** | 100,000 to 500,000 cycles | | **Packaging** | Tape & Reel (indicated by the "-R") | --- ## 2. Key Electronic Features ### A. Tactile Feedback The internal mechanism uses a stainless steel or phosphor bronze dome. When pressed, the dome collapses to bridge the contacts, providing a distinct "click" feel and audible sound to the user. ### B. Material Composition * **Base:** High-temperature thermoplastic (LCP or Nylon) to withstand reflow soldering. * **Contacts:** Silver-plated copper alloy for high conductivity and oxidation resistance. * **Cover:** Usually stainless steel or nickel-plated brass. ### C. Sealing and Protection Most M5TS parts are designed with a level of dust resistance. The "R" suffix specifically denotes **Tape and Reel packaging**, which is essential for automated "Pick and Place" machines in high-volume PCB assembly. --- ## 3. Terminal Configuration The M5TS-55-R typically features a **4-pin J-bend or Gull-wing** lead configuration. ```c // Circuit Diagram Representation // Pins 1 & 2 are internally connected // Pins 3 & 4 are internally connected (1)---[ ]---(2) <-- Top Side | (3)---[ ]---(4) <-- Bottom Side ``` *When the button is pressed, the circuit completes across all four pins.* --- ## 4. Common Applications * **Wearables:** Smartwatches and fitness trackers due to the small footprint. * **Mobile Devices:** Volume buttons and power switches. * **Embedded Systems:** Reset buttons on development boards (like ESP32 or Arduino-based custom PCBs). * **Automotive:** Dashboard controls and key fobs.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the M5TS-55-R on a PCB?
    • ⤷ What is the recommended reflow soldering temperature profile for this switch?
    • ⤷ Can this switch be used in IP67 rated waterproof designs?