Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-70-R

  • AI
    The **M5TS-70-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, specifically for DC-DC converters, where they store energy in a magnetic field. --- ### 1. Key Technical Specifications Below are the typical technical parameters associated with the M5TS-70-R series: | Property | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | Typically measured in microhenries (µH) | | **Core Material** | Ferrite or Metal Alloy (depending on specific revision) | | **Shielding** | Magnetic Shielding (to prevent EMI) | | **Operating Temperature** | Often -40°C to +125°C | --- ### 2. Functional Characteristics #### A. Magnetic Shielding The "70" in the part number often refers to the physical size (e.g., 7.0mm x 7.0mm footprint). The "R" usually indicates it is provided on a **Tape & Reel** for automated assembly. Because it is shielded, the magnetic flux is contained within the component, reducing **Electromagnetic Interference (EMI)** with nearby sensitive circuits. #### B. High Saturation Current The M5TS series is designed to handle high saturation currents. This means the inductance remains stable even when a high amount of DC current passes through the coil, preventing the circuit from failing under load. #### C. Low DC Resistance (DCR) To maximize efficiency, these inductors are manufactured with thick copper windings to keep the internal resistance (DCR) as low as possible. This minimizes heat generation and power loss. --- ### 3. Common Applications These parts are found in modern electronics that require compact, efficient power regulation: * **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators. * **Consumer Electronics:** Laptops, tablets, and gaming consoles. * **Telecommunications:** Base station power modules and networking gear. * **LED Drivers:** Providing steady current for high-brightness lighting. --- ### 4. Component Structure Example ```text [ Protective Coating ] | [ Ferrite Drum Core ] <--- Copper Wire Winding | [ Magnetic Shielding Case ] | [ Solder Terminals (Sn/Ag/Cu) ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the -70-R variant?
    • ⤷ How does magnetic shielding impact the PCB layout?
    • ⤷ What are the footprint dimensions for this specific package?