Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-73-R

  • AI
    The **M5TS-73-R** is a specific electronic component, primarily recognized as a **Tactile Switch** manufactured by companies like Mitsumi (though often cross-referenced with various specialty electromechanical manufacturers). These switches are designed for low-power, momentary signal switching in consumer electronics and industrial interfaces. --- ### 1. Key Technical Specifications The "73-R" suffix typically denotes specific physical dimensions and packaging (Tape & Reel). | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Circuit** | SPST-NO (Single Pole Single Throw, Normally Open) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | 1.6N to 2.5N (varies by sub-model) | | **Contact Rating** | 50mA @ 12VDC | | **Travel** | 0.25mm - 0.3mm | | **Operating Life** | 100,000 to 1,000,000 cycles | --- ### 2. Physical Construction The M5TS series is characterized by its compact, low-profile design, making it ideal for modern slim devices. * **Actuator:** Usually a hard plastic or rubber plunger that provides the "click" feedback when pressed. * **Contact Dome:** A stainless steel or copper alloy dome that collapses under pressure to complete the circuit. * **Terminals:** Lead-free, silver-plated terminals designed for reflow soldering. * **Base:** Heat-resistant thermoplastic (LCP) to withstand high SMT soldering temperatures. --- ### 3. Application Use Cases Because of its small footprint and reliability, the M5TS-73-R is found in: 1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets, and camera shutter releases. 2. **Wearables:** Smartwatches and fitness trackers where space is at a premium. 3. **Automotive:** Steering wheel controls and dashboard interface buttons. 4. **Medical:** Portable diagnostic equipment and handheld monitors. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a simple push-button: ```text (Term 1) ----/ ---- (Term 2) (Switch) ``` *Note: In SMD versions, there are often 4 pins for mechanical stability, but they are electrically connected in pairs (Pins 1 & 2 are common, Pins 3 & 4 are common).*
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the M5TS-73-R footprint?
    • ⤷ What is the recommended reflow soldering profile for this switch?
    • ⤷ Are there waterproof (IP67) versions available for this series?