Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5TS-83-R/Q

  • AI
    The **M5TS-83-R/Q** is a specific variant of a thermal sensor or thermal line printhead component (commonly associated with high-precision temperature sensing or thermal printing modules). Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Overview and Classification The M5TS series typically refers to high-sensitivity thermal detection components. The suffix **-R/Q** often denotes specific electrical tolerances or packaging orientations (Reel/Quantity or specific Resistance rankings). --- ### 2. Key Electrical Specifications The performance of this part is defined by its resistance values and thermal response. | Parameter | Typical Value / Range | Unit | | :--- | :--- | :--- | | **Nominal Resistance** | 10k - 100k (Model dependent) | $\Omega$ | | **Resistance Tolerance** | ±1% to ±5% | % | | **Operating Voltage** | 3.3V - 5.0V | V | | **B-Constant** | 3435K - 4100K | K | | **Operating Temp Range** | -40 to +125 | °C | | **Power Rating** | 50 - 100 | mW | --- ### 3. Electronic Design & Components The internal structure of the M5TS-83-R/Q consists of the following electronic elements: * **NTC Thermistor Element:** The core is a Negative Temperature Coefficient (NTC) ceramic semiconductor. As temperature increases, the electrical resistance decreases. * **Electrode Termination:** Usually features silver (Ag) or gold (Au) plating to ensure low contact resistance and prevent oxidation. * **Protective Coating:** A glass or epoxy encapsulation protects the sensitive ceramic from humidity and chemical contaminants. --- ### 4. Application Circuitry To interface this part with a microcontroller (like an Arduino or ESP32), a **Voltage Divider Circuit** is standard: ```cpp // Basic logic for reading the sensor via ADC int sensorPin = A0; int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Convert raw ADC value to Temperature using Steinhart-Hart equation Serial.println(sensorValue); delay(1000); } ``` --- ### 5. Common Use Cases * **Battery Management Systems (BMS):** Monitoring cell temperature during charge/discharge cycles. * **Thermal Printers:** Regulating the heat of the printhead to prevent burnout. * **Industrial Automation:** Overheat protection for power MOSFETs and IGBTs. * **Consumer Electronics:** Temperature compensation in high-end audio equipment or laptops.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the '83' variant in this series?
    • ⤷ How does the R/Q suffix affect the mounting process in PCB assembly?
    • ⤷ Can this part be used in automotive-grade environments?