Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5VF-F4W-R

  • AI
    The **M5VF-F4W-R** is a specific model within the **M5VF** series of high-precision electronic pressure sensors/transmitters, typically manufactured by companies like **Nidec Copal Electronics**. These devices are designed for industrial applications requiring vacuum and positive pressure monitoring. ### 1. Part Number Breakdown Understanding the suffix codes helps identify the specific electronic characteristics of this part: | Code Segment | Description | | :--- | :--- | | **M5VF** | Series designation (Micro Pressure Sensor) | | **F4W** | Pressure Range and Output Type (typically ±100kPa or specific vacuum range) | | **R** | RoHS Compliant / Specific Terminal/Port configuration | --- ### 2. Key Electronic Components and Features The M5VF series utilizes a combination of mechanical and solid-state electronic components to convert pressure into a measurable signal. #### A. Sensing Element (Piezoresistive Die) At the heart of the device is a **silicon piezoresistive element**. When pressure is applied to the diaphragm, the resistance of the embedded bridge circuit changes proportionally. #### B. Signal Conditioning (ASIC) The raw millivolt signal from the bridge is processed by an internal **Application-Specific Integrated Circuit (ASIC)**. This chip performs: * **Amplification:** Boosting the weak sensor signal. * **Temperature Compensation:** Correcting errors caused by thermal expansion/contraction of the sensor body. * **Linearization:** Ensuring the output voltage is a straight-line representation of the input pressure. #### C. Output Interface The electronic output is usually an **Analog Voltage Output**. * **Common Range:** 1V to 5V DC. * **Supply Voltage:** Typically operates on a 12V to 24V DC power rail. --- ### 3. Technical Specifications Below are the typical electronic ratings for the F4W variants: | Parameter | Specification | | :--- | :--- | | **Rated Pressure Range** | -100 to 100 kPa (Compound) | | **Power Supply Voltage** | 10.8V to 26.4V DC | | **Current Consumption** | < 15 mA | | **Output Voltage** | 1 to 5V (±0.1V offset) | | **Accuracy** | ±1% to ±2% F.S. (Full Scale) | | **Insulation Resistance** | 100 MΩ min (at 500V DC) | --- ### 4. Circuit Connection Diagram The device usually features a 3-wire or 4-wire interface. Below is the standard electronic wiring logic: ```text [ Power Source + ] ---- (Brown Wire) ---- [ Vcc Input ] [ Power Source - ] ---- (Blue Wire ) ---- [ Common/GND ] [ Controller/PLC ] ---- (White Wire) ---- [ Analog Out ] ``` --- ### 5. Application Areas Because of its high reliability and precision electronics, the M5VF-F4W-R is used in: * **Semiconductor manufacturing:** Monitoring vacuum levels in pick-and-place machines. * **Industrial Automation:** Air pressure monitoring in pneumatic cylinders. * **Medical Equipment:** Monitoring suction levels in laboratory environments.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M5VF-F4W-R connector?
    • ⤷ How do I calibrate the 0V to 5V analog output for a PLC?
    • ⤷ What are the environmental protection ratings (IP) for this specific sensor?