Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5VF-F5W-R

  • AI
    The **M5VF-F5W-R** is a specific industrial-grade pilot light (indicator lamp) manufactured by **IDEC**, part of their miniature pilot light series. These components are used in control panels and machinery to provide visual feedback to operators. --- ## 🛠️ Technical Specifications The electronic and physical characteristics of the M5VF-F5W-R are detailed in the table below: | Feature | Specification | | :--- | :--- | | **Component Type** | LED Pilot Light (Indicator) | | **Series** | IDEC M5 Series (Miniature) | | **Mounting Hole Size** | 5mm Diameter | | **LED Color** | White (W) | | **Operating Voltage** | 5V DC (indicated by "F5") | | **Current Consumption** | Approx. 10-20mA | | **Termination Style** | Solder Terminals / Lead Wires | | **Lens Shape** | Flush / Dome (depending on sub-variant) | | **Resistor** | Built-in (Current limiting for 5V) | --- ## 🔍 Key Electronic Features ### 1. Built-in Current Limiting Unlike raw LEDs that require an external resistor to prevent burnout, the **M5VF-F5W-R** contains an internal resistor. This allows it to be connected directly to a **5V DC** power source (such as a microcontroller output or a logic board) without additional components. ### 2. Polarity Sensitivity As an LED-based device, it is polarity-dependent. * **Anode (+):** Must be connected to the positive terminal. * **Cathode (-):** Must be connected to the ground/negative terminal. ### 3. Energy Efficiency Because it utilizes LED technology rather than incandescent bulbs, it has a very low power draw and a long operational lifespan (typically 50,000+ hours), making it ideal for continuous monitoring systems. ### 4. Integrated Housing The "R" in the part number often refers to the specific housing or bezel style. The unit is designed to be panel-mounted, providing environmental protection for the internal diode. --- ## 📋 Applications * **Logic Level Indicators:** Directly triggered by 5V TTL/CMOS circuits. * **Status Monitoring:** Used on PCB faceplates to indicate "Power On" or "System Ready." * **Industrial Panels:** Compact signaling where space is limited.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage tolerance for this 5V model?
    • ⤷ Does IDEC offer a 12V or 24V version of this specific indicator?
    • ⤷ Is this pilot light rated for outdoor use or specific IP water-resistance levels?