Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5VS-4W2-R

  • AI
    The **M5VS-4W2-R** is a specific model within the M5VS series of **Signal Conditioners** (Isolators) manufactured by **M-System** (now MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit electrical signals between sensors and control systems (like PLCs or DCS). --- ## 1. Technical Specifications Breakdown The model number **M5VS-4W2-R** contains encoded information regarding its inputs, outputs, and power requirements: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | M5VS | Ultra-slim Signal Conditioner (Voltage Input) | | **Input Signal** | **4W** | 4 to 20 mA DC (Current Loop) | | **Output Signal** | **2** | 0 to 5 V DC | | **Power Input** | **R** | 24 V DC | ### Key Technical Parameters * **Accuracy:** ±0.1% of span. * **Response Time:** ≤ 0.5 seconds (0 – 90%). * **Isolation:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute. * **Mounting:** DIN rail mounting. * **Housing Width:** 5.9 mm (Ultra-slim design). --- ## 2. Electronic Functionality The M5VS-4W2-R performs three primary electronic functions: ### A. Signal Conversion It acts as a transducer that takes a standard industrial current loop (**4-20mA**) and converts it into a voltage signal (**0-5V**). This is essential when a sensor outputs current but the controller's analog input card only accepts voltage. ### B. Galvanic Isolation (3-Way) This is the most critical feature. The device uses internal optoisolators or magnetic coupling to ensure there is no direct electrical path between: 1. The Input (Field Sensor) 2. The Output (PLC/DCS) 3. The Power Supply (24V DC) **Why this matters:** It protects sensitive control equipment from high-voltage surges, prevents ground loops, and reduces electrical noise interference. ### C. Signal Buffering/Amplification The internal circuitry ensures that the output signal remains stable even if the load resistance on the output side changes, providing a "clean" signal to the processor. --- ## 3. Wiring Configuration The device typically features terminal blocks for easy connection. While you should always consult the specific datasheet for your unit's revision, the general logic is: ```markdown 1. Input (+) <-- From Sensor (4-20mA) 2. Input (-) <-- From Sensor 3. Output (+) --> To PLC (0-5V) 4. Output (-) --> To PLC 5. Power (+) <-- +24V DC 6. Power (-) <-- 0V (Common) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M5VS and M5RS series?
    • ⤷ How do I calibrate the zero and span on this module?
    • ⤷ Can this module be used with a 2-wire transmitter?