Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5VS-5WD-R/F

  • AI
    The **M5VS-5WD-R/F** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to accept a DC voltage or current input and provide a standardized, isolated DC output. --- ## 1. Technical Specifications Below are the primary electronic characteristics based on the model code breakdown: | Feature | Specification | | :--- | :--- | | **Input Type** | DC Voltage or Current (Standard range) | | **Output Type** | DC Voltage or Current (Fixed range) | | **Power Input** | 24V DC (Operating range: 24V ± 10%) | | **Response Time** | Approx. 25 ms (0 – 90%) | | **Isolation** | 3-Way (Input to Output to Power) | | **Accuracy** | ±0.1% of span | | **Mounting** | DIN Rail Mounting | --- ## 2. Model Code Breakdown The suffix **5WD-R/F** identifies the specific configuration of the internal components and input/output parameters: * **M5VS**: Base series (Ultra-slim Signal Conditioner). * **5**: Output code (e.g., 4–20 mA DC or 1–5V DC depending on sub-configuration). * **W**: Indicates Dual Output (providing two independent signals from one input). * **D**: Input code (typically specifies a specific DC range like 0–10V or 4–20mA). * **R**: Power Input (24V DC). * **F**: Option code (often denotes specific environmental protections or fast response). --- ## 3. Key Internal Electronic Components The device utilizes several critical electronic sub-systems to ensure signal integrity: ### A. Signal Isolation Circuit * Uses an **Optical or Galvanic Isolator** to prevent ground loops and protect sensitive PLC/DCS inputs from high-voltage surges on the field side. * **Dielectric Strength:** Typically rated for 2000V AC for 1 minute. ### B. Precision Operational Amplifiers * Low-drift op-amps are used to ensure the linearity of the signal remains within the **±0.1%** accuracy threshold even during temperature fluctuations. ### C. Power Management * Includes a **DC-DC Converter** to provide internal stable voltages for the circuitry while maintaining isolation from the 24V DC supply. --- ## 4. Connection Diagram (Simplified) ```text [ FIELD SIDE ] [ M5VS MODULE ] [ CONTROL SIDE ] Input (+) --------> [ A/D Conversion ] --------> Output 1 (+) Input (-) --------> [ Isolation ] --------> Output 1 (-) [ D/A Conversion ] --------> Output 2 (+) 24V DC (+) --------> [ Power Supply ] --------> Output 2 (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pin assignments for the M5VS-5WD-R/F?
    • ⤷ Can this module be used for hazardous area applications (ATEX/IECEx)?
    • ⤷ How do I calibrate the Zero and Span settings on this specific model?