Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5VS-D4-R

  • AI
    The **M5VS-D4-R** is a specific model of an **Ultra-Slim Signal Conditioner** (Isolator) manufactured by **M-System**. It is designed to receive a DC voltage or current input and provide an isolated DC output, typically used in industrial automation to prevent ground loops and protect sensitive equipment. --- ### 1. Key Technical Specifications The model code `M5VS-D4-R` breaks down into specific technical parameters: | Component Code | Meaning | Description | | :--- | :--- | :--- | | **M5VS** | Series Name | Ultra-slim (5.9 mm wide) signal conditioner. | | **D** | Input Signal | DC Voltage (typically 0–10V or similar). | | **4** | Output Signal | 0–10V DC. | | **R** | Power Input | 24V DC power supply. | ### 2. Electronic Components & Features As an electronic device, the M5VS-D4-R utilizes several internal subsystems to process signals: * **Galvanic Isolation:** It uses optical or magnetic coupling to ensure there is no direct electrical path between the input, output, and power supply (3-way isolation). * **A/D and D/A Converters:** High-precision converters translate the analog input into a digital signal for processing and back to a stable analog voltage for the output. * **Operational Amplifiers (Op-Amps):** Used at the front end for signal scaling and at the output stage for driving the load. * **Protection Circuitry:** Includes surge protectors and reverse-polarity protection for the 24V DC power line. ### 3. Connection Diagram (General) The unit is typically mounted on a DIN rail and uses tension-clamp terminals. ```text [ Input ] (+) --- [ Terminal 1 ] (-) --- [ Terminal 2 ] [ Output ] (+) --- [ Terminal 3 ] (-) --- [ Terminal 4 ] [ Power ] (+) --- [ Terminal 5 ] (24V DC) (-) --- [ Terminal 6 ] ``` --- ### 4. Technical Advantages 1. **High Density:** At only 5.9 mm wide, it allows for a high number of units in a small control panel space. 2. **3-Way Isolation:** 2000V AC isolation between input, output, and power. 3. **Low Power Consumption:** Optimized for 24V DC systems, typically drawing less than 25mA.
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the M5VS series?
    • ⤷ How do I calibrate the zero and span on this unit?
    • ⤷ Can the M5VS-D4-R handle a 4-20mA input instead of voltage?