Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60011GFC-R

  • AI
    The **M60011GFC-R** is a specialized semiconductor component, typically categorized as a **Gate Array** or a custom **ASIC (Application-Specific Integrated Circuit)** manufactured by Renesas Electronics (formerly Mitsubishi Electric). These devices are designed for high-performance logic integration in industrial and automotive applications. --- ## 1. Technical Specifications The M60011 series is known for its high-density logic gates and low power consumption. Below is a summary of the general characteristics of this part: | Parameter | Description | | :--- | :--- | | **Manufacturer** | Renesas Electronics (Mitsubishi) | | **Device Category** | Gate Array / ASIC | | **Package Type** | QFP (Quad Flat Package) | | **Logic Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Operating Voltage** | Typically 3.3V or 5.0V (depending on the specific sub-series) | | **I/O Pins** | High-density pin count for complex interfacing | --- ## 2. Key Electronic Features The M60011GFC-R incorporates several internal components and architectural features: * **Sea-of-Gates Architecture:** This allows for flexible routing of logic gates, enabling the implementation of complex digital functions like timers, PWM controllers, and communication protocols. * **CMOS Low Power:** Built on a CMOS process, the chip minimizes static power leakage, making it suitable for heat-sensitive environments. * **ESD Protection:** Integrated protection circuitry on I/O pins to prevent damage from electrostatic discharge during handling and operation. * **High Drive Capability:** The output buffers are designed to drive external loads without the immediate need for additional transistor buffering in many logic circuits. --- ## 3. Application Use Cases Because this is often a mask-programmable or semi-custom chip, it is found in specific controller boards: 1. **Industrial Automation:** Used in PLCs (Programmable Logic Controllers) for high-speed signal processing. 2. **Automotive Systems:** Often found in ECU (Engine Control Unit) peripherals or dashboard electronics. 3. **Legacy Hardware:** Frequently used in specialized computing equipment from the late 90s and early 2000s where specific logic glue was required. --- ## 4. Package Identification (`GFC-R`) The suffix in the part number provides details about the physical housing: * **GF:** Usually denotes a Plastic Quad Flat Package (PQFP). * **C:** Represents specific pin spacing or thermal characteristics. * **-R:** Often indicates compliance with environmental standards (like RoHS) or specific tape-and-reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M60011GFC-R?
    • ⤷ Is there a direct modern replacement for this ASIC?
    • ⤷ How does the mask-programming process work for the M60011 series?