Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60018GFCK-R

  • AI
    The **M60018GFCK-R** is a specialized semiconductor component, typically categorized as a high-density, high-performance **Gate Array** or **Application-Specific Integrated Circuit (ASIC)** developed by Renesas Electronics (formerly Mitsubishi Electric). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M60018 series is part of a CMOS gate array family designed for high-speed logic operations with low power consumption. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Renesas Electronics (Mitsubishi) | | **Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Logic Gates** | Varies by sub-type, typically high-density integration | | **Package Type** | QFP (Quad Flat Package) or BGA | | **Operating Voltage** | Typically 3.3V or 5.0V (depending on the specific generation) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Electronic Features * **High-Speed Switching:** Designed with short propagation delays, making it suitable for real-time signal processing. * **Low Power Dissipation:** Being a CMOS device, it consumes very little power in a static state and scales linearly with frequency. * **Configurability:** As a Gate Array, the base silicon contains pre-defined transistors, and the final metal layers are customized for specific logic functions. * **I/O Flexibility:** Supports multiple I/O standards for interfacing with other digital components (TTL/CMOS compatible). --- ### 3. Part Number Decoder (Breakdown) While exact internal datasheets for custom ASICs are often proprietary, the suffixing usually follows this logic: * **M60018:** The base series/architecture family. * **GF:** Usually denotes the package type (e.g., Plastic QFP). * **CK:** Often refers to specific speed grades or temperature ranges. * **-R:** Generally indicates **RoHS compliance** (Lead-free) or tape-and-reel packaging. --- ### 4. Typical Applications This component is frequently found in industrial and legacy computing hardware, including: 1. **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules for logic timing. 2. **Display Controllers:** Managing data flow between a processor and a display panel. 3. **Peripheral Interfacing:** Acting as a bridge between different bus protocols in embedded systems. 4. **Legacy Automotive Electronics:** Engine control units or dashboard management from specific eras. --- ### 5. Technical Precautions * **Electrostatic Discharge (ESD):** As a CMOS device, it is highly sensitive to static. Proper grounding is required during handling. * **Thermal Management:** Depending on the clock frequency, a heat sink or specific airflow may be required if the gate utilization is high. * **Obsolescence:** The M60018 series is often categorized as "End of Life" (EOL). For new designs, FPGAs (Field Programmable Gate Arrays) are generally used instead.
    ✨ Follow-up Questions
    • ⤷ What are the modern FPGA alternatives to the M60018 series?
    • ⤷ How can I test if an M60018GFCK-R chip is still functional?
    • ⤷ Where can I find the pinout diagram for the GF package type?