Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60018GFK-R

  • AI
    The **M60018GFK-R** is a specialized semiconductor component, typically categorized as a high-performance **Gate Driver IC** or a specific **ASIC (Application-Specific Integrated Circuit)** manufactured by Renesas Electronics (formerly Mitsubishi Electric's semiconductor division). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "M60018" series is often associated with driving power modules (like IGBTs or MOSFETs) in industrial applications. | Feature | Description | | :--- | :--- | | **Component Type** | High-Voltage Gate Driver / Control IC | | **Manufacturer** | Renesas Electronics (formerly Mitsubishi) | | **Package Type** | SOP (Small Outline Package) or QFP, depending on revision | | **Primary Function** | Logic-to-Power interfacing for motor control or power conversion | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Compliance** | Yes (indicated by the "R" suffix in modern batches) | --- ## 2. Key Internal Components These ICs generally integrate several functional blocks to handle high-power switching: ### A. Input Logic Section * **Low-Voltage Interface:** Designed to accept CMOS or TTL logic signals from microcontrollers (MCUs) or DSPs. * **Schmitt Trigger Inputs:** Used to prevent false triggering caused by noise in industrial environments. ### B. Protection Circuitry * **Under-Voltage Lockout (UVLO):** Prevents the power transistor from operating if the supply voltage is too low to fully turn on the gate. * **Over-Current Protection:** Often includes a sense pin to monitor the current flowing through the connected power module. * **Dead-Time Control:** Ensures that high-side and low-side transistors do not turn on simultaneously (preventing short circuits). ### C. Output Driver Stage * **High Current Sourcing/Sinking:** Capable of rapidly charging and discharging the gate capacitance of large IGBTs. * **Level Shifting:** Bridges the gap between low-voltage control logic and high-voltage power rails. --- ## 3. Typical Applications The M60018GFK-R is commonly found in the following electronic systems: 1. **Variable Frequency Drives (VFDs):** Controlling the speed of AC motors. 2. **Uninterruptible Power Supplies (UPS):** Managing the inversion process from DC battery power to AC. 3. **Industrial Inverters:** Used in solar energy systems or welding equipment. 4. **Automotive Electronics:** Specifically in electric vehicle (EV) motor controllers. --- ## 4. Part Number Breakdown (Suffix Logic) * **M60018:** The base designator for the specific circuit architecture. * **GFK:** Represents the package style, lead plating, and temperature grading (Standard Industrial grade). * **-R:** Usually signifies "RoHS Compliant" or indicates "Tape and Reel" packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent cross-reference parts for the M60018 series?
    • ⤷ Can you provide the pinout diagram details for the GFK package?
    • ⤷ What is the maximum operating voltage for this specific gate driver?