Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60018KFC-R

  • AI
    The **M60018KFC-R** is a specific surface-mount electronic component, typically categorized as a **Chip Inductor** (specifically a multilayer or wire-wound power inductor depending on the manufacturer, often associated with brands like Delta or Chilisin). Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The part number follows a standardized coding system for inductors. Here is a breakdown of the typical parameters for this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 0.18 µH (indicated by "18K") | | **Tolerance** | ±10% (indicated by "K") | | **Package Size** | 0603 (Metric 1608) or 0402 depending on specific series | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temp** | -40°C to +125°C | | **Material** | Ferrite Core | --- ### 2. Part Number Deciphering To understand the electronic function, we can decode the nomenclature: * **M600**: The series identifier (often signifies a high-frequency or high-current multilayer series). * **18**: The numerical value of inductance. * **K**: The tolerance code (K = ±10%; J = ±5%; M = ±20%). * **FC**: Functional code (often referring to "Ferrite Core" or a specific Lead-Free termination). * **R**: Packaging code (usually signifies "Tape & Reel"). --- ### 3. Electronic Functions The M60018KFC-R serves three primary roles in a circuit: 1. **EMI Suppression:** It acts as a low-pass filter to block high-frequency noise while allowing DC and low-frequency signals to pass. 2. **Energy Storage:** In DC-DC converter applications, it stores energy in its magnetic field during the switching cycle. 3. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between different stages to ensure maximum power transfer. --- ### 4. Common Applications Due to its small footprint and inductance value, this part is commonly found in: * **Mobile Devices:** Smartphones and tablets for power management ICs (PMICs). * **Computing:** Decoupling on high-speed data lines. * **Communication Modules:** Bluetooth or Wi-Fi modules for signal filtering. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for the M60018 series?
    • ⤷ How does the 'K' tolerance affect circuit stability in RF applications?
    • ⤷ Are there recommended footprints for soldering this 0603 package?