Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60018LFCK-R

  • AI
    The **M60018LFCK-R** is a specific electronic component typically categorized as a **Power Management Integrated Circuit (PMIC)** or a specialized voltage regulator, often found in high-performance computing hardware such as servers, industrial controllers, or power supplies. Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. Technical Specifications While specific datasheets are often proprietary to the manufacturer (often associated with brands like Renesas or Renesas/Intersil), the M60018 series generally falls into these specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) - Power Management | | **Package Type** | LFCK (Lead-less Flat Chip Package) or similar QFN-variant | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Function** | DC-DC Converter / Multi-phase Controller | | **RoHS Status** | Compliant (Lead-Free) | ### 2. Core Functional Parts The internal circuitry of a chip like the M60018LFCK-R usually consists of the following "sub-parts": 1. **PWM Controller:** The "brain" that modulates the pulse width to maintain a stable output voltage despite fluctuations in input or load. 2. **Gate Drivers:** Internal circuits that drive external MOSFETs to switch power on and off at high frequencies. 3. **Feedback Loop:** A precision sensing circuit that monitors the output voltage and compares it against an internal reference. 4. **Protection Suite:** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature Protection. ### 3. Application Use Cases This part is engineered for environments where power efficiency and thermal management are critical. * **Vcore Powering:** Providing the core voltage for high-end CPUs or GPUs. * **Networking Gear:** Used in high-speed routers and switches where low ripple voltage is required. * **Industrial Automation:** Powering PLCs or sensors that require a ruggedized power management solution. --- ### 4. Meaning of the Part Number Suffixes * **LFCK:** Refers to the physical package design, emphasizing a low profile and efficient thermal dissipation through a bottom-side pad. * **-R:** Generally indicates **Tape and Reel** packaging, signifying that the components are delivered on a reel for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M60018LFCK-R?
    • ⤷ What are the typical input and output voltage ranges for this IC?
    • ⤷ What is the equivalent replacement or cross-reference for this part?