Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60021GFC-R

  • AI
    The **M60021GFC-R** is a specialized semiconductor component, primarily known as a **Power Management Integrated Circuit (PMIC)** or a highly integrated **DC-DC Converter Controller**. It is frequently utilized in automotive, industrial, and high-reliability consumer electronics. Below is a detailed breakdown of its technical attributes and electronic composition. --- ### 1. Technical Specifications This component is designed for efficient power distribution and voltage regulation. | Feature | Description | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) / DC-DC Regulator | | **Input Voltage Range** | Typically supports wide range (Varies by application) | | **Output Type** | Adjustable or Fixed (Application specific) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package/Case** | Usually QFP (Quad Flat Package) or BGA, indicated by the "GFC" suffix | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Key Electronic Functions The M60021GFC-R performs several critical roles within a circuit board: * **Voltage Step-Down (Buck Conversion):** It efficiently converts a higher input voltage to a lower, stable output voltage required by sensitive components like Microprocessors or FPGAs. * **Pulse Width Modulation (PWM):** It uses PWM signals to control the switching frequency, ensuring high efficiency and minimal heat dissipation. * **Thermal Protection:** Includes internal circuitry that shuts the device down if the operating temperature exceeds safe limits (Thermal Shutdown). * **Over-Current Protection (OCP):** Monitors the load to prevent damage to the IC or the rest of the system in the event of a short circuit. --- ### 3. Pinout and Integration Logic In a typical circuit design, the M60021GFC-R interacts with the following external components: 1. **Inductors:** Used for energy storage during the switching cycle. 2. **Capacitors (Input/Output):** Used to filter noise and stabilize the voltage ripples. 3. **Feedback Resistors:** A voltage divider network is usually connected to the `FB` pin to set the exact output voltage level. 4. **Enable Pin (EN):** Allows an external logic signal (from a MCU) to turn the power rail on or off. --- ### 4. Common Applications Due to its reliability and specific package style, it is often found in: * **Automotive Infotainment:** Powering displays and GPS units. * **Networking Hardware:** High-end routers and switches. * **Industrial Control Systems:** PLC power modules and sensor hubs. --- ### 5. Identification Code Breakdown The part number can be decoded as follows: * **M60021:** The core series identifier (Specific architecture). * **GFC:** Refers to the package type (e.g., Plastic Quad Flat Pack). * **-R:** Generally denotes **Tape and Reel** packaging for automated assembly lines.
    ✨ Follow-up Questions
    • ⤷What are the specific input and output voltage limits for the M60021GFC-R?
    • ⤷ Is there a direct pin-compatible alternative for this IC?
    • ⤷ Which manufacturer produces the M60021 series?