Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60021JFD-R

  • AI
    The **M60021JFD-R** is a specialized electronic component, typically identified as a **high-precision resistor** or a specific **power management IC** variant depending on the manufacturer (most commonly associated with high-reliability automotive or industrial precision resistors from brands like KOA Speer or specialized semiconductor houses). Below is a breakdown of the technical aspects typically associated with this part number series. --- ### 1. General Specifications Based on the part numbering convention, here are the likely technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Precision Surface Mount Resistor / Network | | **Tolerance** | Usually $\pm$0.1% or $\pm$0.5% (High Precision) | | **Power Rating** | Varies by package (typically 0.1W to 0.25W) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Internal Electronic Parts & Materials The performance of the M60021JFD-R is defined by its material composition: * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic, providing excellent thermal dissipation and electrical insulation. * **Resistive Element:** Metal Film or Thin Film alloy (often Nickel-Chromium). This ensures a low Temperature Coefficient of Resistance (TCR). * **Terminations:** Multi-layered endings usually consisting of: 1. **Inner electrode:** Silver-based. 2. **Barrier layer:** Nickel plating (prevents leaching). 3. **Outer coating:** Matte Tin (Sn) for RoHS compliant soldering. * **Protective Coating:** Epoxy or glass overglaze to protect the resistive element from moisture and mechanical stress. --- ### 3. Application Use Cases This component is designed for circuits where stability and precision are critical. * **Feedback Loops:** Used in Operational Amplifier (Op-Amp) circuits to maintain gain accuracy. * **Voltage Division:** Creating precise reference voltages for Microcontrollers (MCUs) or ADCs. * **Automotive ECU:** Often used in Engine Control Units where temperature fluctuations are extreme. * **Medical Equipment:** High-reliability monitoring devices. --- ### 4. Code Example: Interpreting Resistance Values If this part follows the standard 4-digit marking for precision resistors, you can calculate the value as follows: ```python def calculate_resistance(code): # Example for a 4-digit SMD code (e.g., 1002) digits = code[:3] multiplier = int(code[3]) value = int(digits) * (10 ** multiplier) return f"{value} Ohms" # If the part marking was 1002: # Result: 10,000 Ohms (10k) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value and tolerance for the 'JFD' suffix?
    • ⤷ Which manufacturer produces the M60021 series?
    • ⤷ What are the recommended soldering temperature profiles for this component?