Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60021KFD-R

  • AI
    ## Analysis of M60021KFD-R The **M60021KFD-R** is a specific electronic component typically categorized as an **Automotive-Grade Logic IC** or a specialized **Gate Driver/Buffer**, often manufactured by companies like Renesas or ROHM (depending on the specific series prefix). It is designed for high-reliability environments. --- ### 1. Key Technical Specifications The following table summarizes the general electrical and physical characteristics of this part: | Parameter | Description | | :--- | :--- | | **Component Type** | Logic Integrated Circuit / Buffer | | **Package Type** | SOP (Small Outline Package) or SSOP | | **Automotive Grade** | AEC-Q100 Qualified (Standard for "KFD" suffixes) | | **Operating Voltage** | Typically 2.7V to 5.5V | | **Temperature Range** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Functional Description The "R" suffix in the part number usually indicates **Tape and Reel** packaging for automated assembly lines. The internal circuitry is designed for: * **Signal Conditioning:** Ensuring clean logic transitions in noisy automotive environments. * **High Impedance State:** Capability to isolate circuits when not in use to prevent battery drain. * **Protection Circuitry:** Built-in Electrostatic Discharge (ESD) protection and short-circuit resilience. --- ### 3. Application Areas Due to its robust construction, the M60021KFD-R is commonly found in the following sectors: 1. **Powertrain Control:** Managing signals between the Engine Control Unit (ECU) and sensors. 2. **Infotainment Systems:** Logic level shifting for display and audio modules. 3. **Body Electronics:** Controlling lighting, power windows, and door locks. 4. **ADAS:** Processing low-latency signals for driver assistance sensors. --- ### 4. Implementation Example In a standard circuit, this IC acts as a bridge. Below is a conceptual representation of how a logic buffer like this is integrated: ```cpp // Conceptual Logic for a System utilizing an M60021 series buffer void controlSignal() { bool inputSignal = readSensor(PIN_A); // The M60021KFD-R ensures the voltage levels are stable // and provide enough current to drive the next stage. if (inputSignal == HIGH) { driveOutput(STABLE_5V); } else { driveOutput(LOW); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M60021KFD-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the direct equivalents or alternatives to this IC?