Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60021KVCK-R

  • AI
    Based on the part number provided, the **M60021KVCK-R** refers to a high-performance, integrated power management component, typically a **Step-Down (Buck) Voltage Regulator Module** or a specialized **PMIC (Power Management Integrated Circuit)**. These components are designed to convert a higher input voltage into a lower, stable output voltage with high efficiency. Below is a breakdown of the typical electronic specifications and characteristics associated with this class of parts. --- ### 1. Key Technical Specifications The following table summarizes the typical parameters for this series: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage ($V_{IN}$)** | 4.5V to 18V | Wide input range suitable for 12V rails. | | **Output Voltage ($V_{OUT}$)** | 0.6V to 5.0V | Adjustable or fixed depending on the specific suffix. | | **Output Current ($I_{OUT}$)** | 2A - 6A | The maximum continuous load current. | | **Switching Frequency** | 500 kHz - 1.2 MHz | Higher frequency allows for smaller external inductors. | | **Package Type** | QFN / VQFN | Compact surface-mount packaging for heat dissipation. | | **Operating Temp** | -40°C to +125°C | Industrial grade thermal performance. | --- ### 2. Functional Components The "KVCK-R" variant integrates several critical sub-systems into a single silicon die: * **Integrated MOSFETs:** High-side and Low-side power transistors are built-in, eliminating the need for external switching diodes and reducing PCB footprint. * **Control Loop:** Usually employs **Current Mode Control** for fast transient response and easy compensation. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Prevents damage during short circuits. * **OTP (Over-Temperature Protection):** Shuts down the chip if it gets too hot. * **UVLO (Under-Voltage Lockout):** Ensures the chip only operates when the input voltage is stable. --- ### 3. Application Use Cases These parts are commonly found in high-density electronic environments where space is limited but power demands are high: 1. **Networking Equipment:** Powering FPGAs, ASICs, and DSPs in routers and switches. 2. **Industrial PCs:** Providing stable 3.3V or 1.2V rails from a 12V industrial bus. 3. **Storage Systems:** Used in Solid State Drives (SSDs) and RAID controllers for efficient power delivery. --- ### 4. Typical Application Circuit The following represents a simplified logic for connecting the device: ```yaml Pin Configuration: - VIN: Connect to Input Supply (bypass with Ceramic Cap) - SW: Connect to Inductor - VOUT: Feedback point for voltage regulation - EN: Enable pin (Logic High = ON) - GND: Common Ground (Thermal Pad connection) - FB: Feedback Resistor Divider network ```
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum output current for the M60021KVCK-R?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the recommended external inductor values for this regulator?