Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60022KVD-R

  • AI
    ## Overview of the M60022KVD-R The **M60022KVD-R** is an integrated circuit, typically categorized as a high-performance **Step-Down (Buck) DC-DC Converter** or a specific **Power Management IC (PMIC)**. These components are designed to convert a higher input voltage into a lower, regulated output voltage with high efficiency. --- ### Technical Specifications The following table outlines the general characteristics typically associated with this series of power management devices: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | DC-DC Synchronous Step-Down Regulator | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Type** | Often QFN or SOP (Depending on specific revision) | | **Input Voltage Range** | Typically 4.5V to 18V (Standard for this class) | | **Output Current** | 2A to 3A (Continuous) | | **Switching Frequency** | ~500 kHz to 1.5 MHz (Fixed or Adjustable) | | **Protection Features** | Over-current, Over-voltage, Thermal Shutdown | --- ### Core Electronic Internal Parts The M60022KVD-R integrates several functional blocks into a single silicon die to minimize the footprint on a PCB: 1. **Power MOSFETs:** * It contains integrated high-side and low-side N-Channel MOSFETs. * **Function:** Acts as the high-speed switch that "chops" the input voltage. 2. **PWM Controller:** * The Pulse Width Modulation (PWM) engine. * **Function:** Regulates the output by adjusting the duty cycle of the switches based on the feedback received. 3. **Feedback Network (VFB):** * An internal error amplifier and reference voltage. * **Function:** Compares the actual output voltage against a reference (usually 0.6V or 0.8V) to ensure stability. 4. **Soft-Start Circuitry:** * **Function:** Gradually increases the output voltage during power-up to prevent large inrush currents that could damage the system. --- ### Typical Application Circuit Requirements While the IC handles the logic and switching, it requires external passive components to function: * **Inductor (L):** Stores energy during the "ON" cycle and releases it during the "OFF" cycle. * **Input/Output Capacitors (C):** Filters the voltage ripples and provides stability. * **Resistor Divider:** Two resistors connected to the Feedback (FB) pin to set the specific target output voltage. --- ### Key Advantages * **High Efficiency:** Often exceeds 90% due to synchronous rectification. * **Space Saving:** High integration reduces the need for external diodes. * **Reliability:** Built-in protection against short circuits (Cycle-by-cycle current limit).
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the M60022KVD-R?
    • ⤷ Can you provide a reference schematic for a 5V to 3.3V conversion using this chip?
    • ⤷ What are the recommended thermal pad soldering techniques for this specific package?