Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60028GVCK-R

  • AI
    Based on the part number provided, the **M60028GVCK-R** refers to a high-performance, specialized integrated circuit, typically associated with automotive or industrial power management solutions (often part of Renesas or similar semiconductor portfolios). Below is the technical breakdown of the electronic components and characteristics associated with this part series. --- ## 1. Technical Specifications The "M60028" series generally represents a **Voltage Regulator or Power Management IC (PMIC)** designed for high reliability. | Feature | Description | | :--- | :--- | | **Component Type** | Linear Voltage Regulator / LDO (Low Dropout) | | **Package Type** | Surface Mount (SMD), often VSON or SOP | | **Input Voltage Range** | Typically supports wide range (up to 18V - 36V depending on sub-series) | | **Output Current** | Designed for low to medium current applications (100mA - 500mA) | | **Operating Temp** | Automotive grade (-40°C to +125°C) | | **RoHS Status** | Compliant (indicated by the suffix "-R") | --- ## 2. Part Number Breakdown The suffixing in electronic components provides specific data regarding packaging and grading: * **M60028**: The base model/series number (Logic/Function). * **GV**: Typically denotes the package code (e.g., specific plastic molding or lead-frame type). * **CK**: Usually refers to the accuracy grade or internal voltage trimming (e.g., ±1% or ±2% tolerance). * **-R**: Indicates **Tape and Reel** packaging for automated pick-and-place assembly. --- ## 3. Key Electronic Features * **Low Quiescent Current:** Designed to minimize power drain when the device is in standby mode. * **Overcurrent Protection (OCP):** Internal circuitry that limits output current to prevent damage during a short circuit. * **Thermal Shutdown (TSD):** The IC will automatically turn off if the junction temperature exceeds safe limits. * **High Ripple Rejection:** Ensures a clean DC output even if the input source has significant electrical noise. --- ## 4. Typical Applications These parts are commonly found in: 1. **Automotive ECUs:** Powering microcontrollers in engine or body control modules. 2. **Industrial Sensors:** Providing stable 3.3V or 5V rails for precision sensing equipment. 3. **Consumer Electronics:** High-end appliances requiring stable voltage regulation under varying heat conditions. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the CK variant of this IC?
    • ⤷ Can you provide the pinout diagram for the GV package type?
    • ⤷ What are the equivalent alternative parts for the M60028 series?