Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60028GVD-R

  • AI
    The **M60028GVD-R** is a specialized semiconductor component, typically identified as a high-performance **Gate Driver IC** or a specific **Power Management Module**, often utilized in industrial automation and motor control applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Core Technical Specifications The M60028 series is designed to bridge the gap between low-power logic circuits (like Microcontrollers) and high-power switches (like MOSFETs or IGBTs). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Gate Driver / Power Interface IC | | **Configuration** | High-Side and Low-Side or Bridge Driver | | **Input Logic** | TTL/CMOS Compatible | | **Package Type** | SOP (Small Outline Package) or DIP (Dual In-line Package) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Key Electronic Features * **Isolation Capability:** Often features internal galvanic or optical isolation to protect sensitive control circuitry from high-voltage spikes on the load side. * **High Current Drive:** Capable of sourcing and sinking high peak currents to quickly charge/discharge the gate capacitance of power transistors. * **Undervoltage Lockout (UVLO):** Prevents the power switch from operating if the supply voltage is too low, avoiding overheating and damage. * **Propagation Delay:** Optimized for high-speed switching to minimize switching losses in PWM (Pulse Width Modulation) applications. --- ### 3. Pinout and Circuit Role While specific pinouts vary by manufacturer (often Renesas or Mitsubishi derivatives), the general functional blocks include: 1. **Vcc/Vdd:** Supply voltage for the internal logic. 2. **HIN / LIN:** High and Low logic input signals from the MCU. 3. **HO / LO:** High and Low output signals connected to the Gate of the power device. 4. **COM / GND:** Reference ground for the power and logic sections. 5. **VB / VS:** Floating supply pins for high-side driving. --- ### 4. Typical Applications The M60028GVD-R is commonly found in the following electronic environments: * **Inverter Systems:** Converting DC to AC for renewable energy or UPS. * **Motor Drives:** Controlling BLDC (Brushless DC) or Induction motors in industrial machinery. * **Switch Mode Power Supplies (SMPS):** Acting as the driver for the primary switching element. * **Automotive Electronics:** Used in various pump and fan control modules. --- ### 5. Selection Considerations When replacing or designing with this part, ensure the following: * **Thermal Dissipation:** Ensure adequate PCB copper area if the chip operates at high switching frequencies. * **Dead-time Control:** Check if the IC provides internal dead-time to prevent "shoot-through" (where both high and low side switches are on simultaneously).
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the M60028GVD-R?
    • ⤷ Can this IC be used for driving both IGBTs and MOSFETs?
    • ⤷ What is the maximum operating voltage for the M60028 series?